Electronic Components Datasheet Search
  English  ▼

X  

TAS5828M Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5828M
Description  TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5828M Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5828M Datasheet HTML 35Page - Texas Instruments TAS5828M Datasheet HTML 36Page - Texas Instruments TAS5828M Datasheet HTML 37Page - Texas Instruments TAS5828M Datasheet HTML 38Page - Texas Instruments TAS5828M Datasheet HTML 39Page - Texas Instruments TAS5828M Datasheet HTML 40Page - Texas Instruments TAS5828M Datasheet HTML 41Page - Texas Instruments TAS5828M Datasheet HTML 42Page - Texas Instruments TAS5828M Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
8.4.6.2 1SPW Modulation
The 1SPW mode alters the normal modulation scheme in order to achieve higher efficiency with a slight
penalty in THD degradation and more attention required in the output filter selection. In Low Idle Current mode
the outputs operate at ~17% modulation during idle conditions. When an audio signal is applied, one output
decreases and one increases. The decreasing output signal rails to GND. At this point all the audio modulation
takes place through the rising output. The result is that only one output is switching during a majority of the audio
cycle. Efficiency is improved in this mode due to the reduction of switching losses.
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
0 V
0 V
PVCC
No Output
Positive Output
Negative Output
0 A
0 A
0 V
-PVCC
Figure 8-9. 1SPW Mode Modulation
8.4.6.3 Hybrid Modulation
Hybrid Modulation is designed for minimized power loss without compromising the THD+N performance, and
is optimized for battery-powered applications. With Hybrid modulation, TAS5828M detects the input signal level
and adjust PWM duty cycle dynamically based on PVDD. Hybrid modulation achieves ultra low idle current and
maintains the same audio performance level as the BD Modulation.
www.ti.com
TAS5828M
SLASEX7A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TAS5828M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com