Electronic Components Datasheet Search
  English  ▼

X  

TAS5828M Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5828M
Description  TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5828M Datasheet(HTML) 23 Page - Texas Instruments

Back Button TAS5828M Datasheet HTML 19Page - Texas Instruments TAS5828M Datasheet HTML 20Page - Texas Instruments TAS5828M Datasheet HTML 21Page - Texas Instruments TAS5828M Datasheet HTML 22Page - Texas Instruments TAS5828M Datasheet HTML 23Page - Texas Instruments TAS5828M Datasheet HTML 24Page - Texas Instruments TAS5828M Datasheet HTML 25Page - Texas Instruments TAS5828M Datasheet HTML 26Page - Texas Instruments TAS5828M Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 97 page
background image
Supply Voltage (V)
0
20
40
60
80
100
20
5
15
25
18
10
20
BD Modulation
FSW=384kHz
Load = 2
PBTL Mode
D007
D030
FSW=384k, BD Modulation
Figure 6-51. Idle Channel Noise vs Supply Voltage
Supply Voltage (V)
0
20
40
60
80
100
20
5
15
25
18
10
20
BD Modulation
FSW=384kHz
Load = 4
PBTL Mode
D007
D030
FSW=384k, BD Modulation
Figure 6-52. Idle Channel Noise vs Supply Voltage
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90 100 110
10
20
30
40
50
60
70
80
90 100
BD Modulation
FSW=384kHz
Load = 2
PBTL Mode
D024
Gain=29.5dB
TA=25C
RL=2
PVCC = 12 V
PVCC = 18 V
PVCC = 24 V
Figure 6-53. Efficiency vs Output Power
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90 100 110
BD Modulation
FSW=384kHz
Load = 3
PBTL Mode
D024
Gain=29.5dB
TA=25C
RL=3
PVCC = 12 V
PVCC = 18 V
PVCC = 24 V
Figure 6-54. Efficiency vs Output Power
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
BD Modulation
FSW=384kHz
Load = 4
PBTL Mode
D024
Gain=29.5dB
TA=25C
RL=4
PVCC = 12 V
PVCC = 18 V
PVCC = 24 V
Figure 6-55. Efficiency vs Output Power
www.ti.com
TAS5828M
SLASEX7A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TAS5828M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com