Electronic Components Datasheet Search
  English  ▼

X  

TAS5828M Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5828M
Description  TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5828M Datasheet(HTML) 3 Page - Texas Instruments

  TAS5828M Datasheet HTML 1Page - Texas Instruments TAS5828M Datasheet HTML 2Page - Texas Instruments TAS5828M Datasheet HTML 3Page - Texas Instruments TAS5828M Datasheet HTML 4Page - Texas Instruments TAS5828M Datasheet HTML 5Page - Texas Instruments TAS5828M Datasheet HTML 6Page - Texas Instruments TAS5828M Datasheet HTML 7Page - Texas Instruments TAS5828M Datasheet HTML 8Page - Texas Instruments TAS5828M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 97 page
background image
5 Pin Configuration and Functions
1
AGND
32
PVDD
2
AVDD
31
PVDD
3
GVDD
30
OUT_B+
4
PDN
29
BST_B+
5
SCL
28
PGND
6
SDA
27
PGND
7
SDIN
26
OUT_B-
8
BCLK
25
BST_B-
9
LRCLK
24
BST_A-
10
GPIO2
23
OUT_A-
11
GPIO1
22
PGND
12
GPIO0
21
PGND
13
ADR
20
BST_A+
14
VR_DIG
19
OUT_A+
15
DVDD
18
PVDD
16
DGND
17
PVDD
Not to scale
Thermal
Pad
Figure 5-1. DAD (TSSOP) Package, 32-Pin PadUp, Software Mode, Top View
Table 5-1. Pin Functions - Software Mode
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
AGND
1
G
Analog ground.
AVDD
2
P
Internally regulated 5-V analog supply voltage. This pin must not be used to drive external devices.
GVDD
3
P
Gate drive internal regulator output. This pin must not be used to drive external devices.
PDN
4
DI
Power down, active-low. PDN place the amplifier in Shutdown, turn off all internal regulators.
SCL
5
DI
I2C serial control clock input.
SDA
6
DI/O
I2C serial control data interface input/output.
SDIN
7
DI
Data line to the serial data port.
BCLK
8
DI
Bit clock for the digital signal that is active on the input data line of the serial data port.
LRCLK
9
DI
Word select clock for the digital signal that is active on the serial port's input data line. In I2S, LJ and RJ, this
corresponds to the left channel and right channel boundary. In TDM mode, this corresponds to the frame sync
boundary.
GPIO2
10
DI/O
General-purpose input/output, function of this pin can be programmed by register (Register Address 0x60h and
0x62h). Can be configured to be open drain output or push-pull output.
GPIO1
11
DI/O
General-purpose input/output, function of this pin can be programmed by register (Register Address 0x60h and
0x61h). Can be configured to be open drain output or push-pull output.
GPIO0
12
DI/O
General-purpose input/output, function of this pin can be programmed by register (Register Address 0x60h and
0x63h). Can be configured to be open drain output or push-pull output.
ADR
13
AI
A table of resistor value (Pull down to GND) decides the device I2C address. See Table 8-7.
VR_DIG
14
P
Internally regulated 1.5-V digital supply voltage. This pin must not be used to drive external devices.
www.ti.com
TAS5828M
SLASEX7A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TAS5828M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com