Electronic Components Datasheet Search
  English  ▼

X  

TAS5828M Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5828M
Description  TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5828M Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS5828M Datasheet HTML 24Page - Texas Instruments TAS5828M Datasheet HTML 25Page - Texas Instruments TAS5828M Datasheet HTML 26Page - Texas Instruments TAS5828M Datasheet HTML 27Page - Texas Instruments TAS5828M Datasheet HTML 28Page - Texas Instruments TAS5828M Datasheet HTML 29Page - Texas Instruments TAS5828M Datasheet HTML 30Page - Texas Instruments TAS5828M Datasheet HTML 31Page - Texas Instruments TAS5828M Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 97 page
background image
8 Detailed Description
8.1 Overview
The TAS5828M device combines 4 main building blocks into a single cohesive device that maximizes sound
quality, flexibility, and ease of use. The 4 main building blocks are listed as follows:
• A stereo digital to PWM modulator.
• An Audio DSP subsystem.
• A flexible close-loop amplifier capable of operating in stereo or mono, at several different switching
frequencies, and with a variety of output voltages and loads.
• An I2C control port for communication with the device
The device requires only two power supplies for proper operation. A DVDD supply is required to power the
low voltage digital circuitry. Another supply, called PVDD, is required to provide power to the output stage of
the audio amplifier. Two internal LDOs convert PVDD to 5 V for GVDD and AVDD and to 1.5 V for DVDD
respectively.
8.2 Functional Block Diagram
1.5V Regulator
(For Digital Core)
5V Regulator
(Internal Gate Drive
Serial
Audio
Port
SCLK
LRCLK
SDIN
Flexible
Process Flow
…
CDSP
Analog
to
PWM
Modulator
+
±
DAC
+
±
I -> V
Analog Gain Setting
DAC
Gate
Drives
Gate
Drives
Full Bridge
Power
Stage A
Full Bridge
Power
Stage B
Output
Current
Monitoring
(OC protection)
Internal Control Registers and State Machines
OUT_A+
OUT_A-
OUT_B+
OUT_B-
SDOUT
SDOUT
PDN
ADR/HW_MODE
SCL/HW_SEL0
SDA/HW_SEL1
Clock Monitoring
and Error Protection
Error Reporting
Die Temperature Monitoring
and UV/OV/OT Protection
Closed Loop Class D Amplifier
Internal Voltage Supplies
5V Regulator
( Analog Power Supply )
GPIO0/FAULT
GPIO1/PWM_CTRL
GPIO2/SDOUT
8.3 Feature Description
8.3.1 Power Supplies
For system design, TAS5828M needs a 3.3-V or 1.8-V supply in addition to the (typical) 12 V or 24 V power-
stage supply. Two internal voltage regulators provide suitable voltage levels for the gate drive circuitry and
internal circuitry. The external pins are provided only as a connection point for off-chip bypass capacitors to
filter the supply. Connecting external circuitry to these regulator outputs may result in reduced performance and
damage to the device. Additionally, all circuitry requiring a floating voltage supply, that is, the high-side gate
drive, is accommodated by built-in bootstrap circuitry requiring only a few external capacitors. To provide good
electrical and acoustical characteristics, the PWM signal path for the output stage is designed as identical,
independent half-bridges. For this reason, each half-bridge has separate bootstrap pins (BST_x). The gate drive
voltages (GVDD) are derived from the PVDD voltage. Special attention should be paid to placing all decoupling
capacitors as close to their associated pins as possible. In general, inductance between the power-supply
pins and decoupling capacitors must be avoided. For a properly functioning bootstrap circuit, a small ceramic
TAS5828M
SLASEX7A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TAS5828M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com