Electronic Components Datasheet Search
  English  ▼

X  

TAS5828M Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5828M
Description  TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5828M Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS5828M Datasheet HTML 14Page - Texas Instruments TAS5828M Datasheet HTML 15Page - Texas Instruments TAS5828M Datasheet HTML 16Page - Texas Instruments TAS5828M Datasheet HTML 17Page - Texas Instruments TAS5828M Datasheet HTML 18Page - Texas Instruments TAS5828M Datasheet HTML 19Page - Texas Instruments TAS5828M Datasheet HTML 20Page - Texas Instruments TAS5828M Datasheet HTML 21Page - Texas Instruments TAS5828M Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 97 page
background image
Output Power (W)
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
10m
100m
1
10
20
10m
100m
1
10
20
10m
100m
1
10
20
10m
100m
1
10
PVCC=12V
TA=25C
BTL Mode
1SPW Modulation
FSW = 384 kHz
Load = 4
, 6, 8
BTL Mode
Load=4
Load=6
Load=8
Figure 6-26. THD+N vs Output Power-BTL
Output Power (W)
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
0.01
0.1
1
10
20
PVCC=18V
TA=25C
BTL Mode
1SPW Modulation
FSW = 384 kHz
Load = 4
, 6, 8
BTL Mode
Load=4
Load=6
Load=8
Figure 6-27. THD+N vs Output Power-BTL
Output Power (W)
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
0.01
0.1
1
10
100
20
PVCC=24V
TA=25C
BTL Mode
1SPW Modulation
FSW = 384 kHz
Load = 4
, 6, 8
BTL Mode
Load=4
Load=6
Load=8
Figure 6-28. THD+N vs Output Power-BTL
Supply Voltage (V)
4.5
8.5
12.5
16.5
20.5
24.5
28
0
10
20
30
40
50
60
70
80
90
100
BTL Mode
TA=25C
1SPW Modulation
FSW=384kHz
Load = 4
BTL Mode
THD+N=1%, RL=4
THD+N=10%, RL=4
Figure 6-29. Output Power vs Supply Voltage
Supply Voltage (V)
4.5
8.5
12.5
16.5
20.5
24.5
28
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
BTL Mode
TA=25C
1SPW Modulation
FSW=384kHz
Load = 6
BTL Mode
THD+N=1%, RL=6
THD+N=10%, RL=6
Figure 6-30. Output Power vs Supply Voltage
Supply Voltage (V)
4.5
8.5
12.5
16.5
20.5
24.5
28
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
BTL Mode
TA=25C
1SPW Modulation
FSW=384kHz
Load = 8
BTL Mode
THD+N=1%, RL=8
THD+N=10%, RL=8
Figure 6-31. Output Power vs Supply Voltage
TAS5828M
SLASEX7A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TAS5828M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com