Electronic Components Datasheet Search
  English  ▼

X  

TAS5828M Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5828M
Description  TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5828M Datasheet(HTML) 82 Page - Texas Instruments

Back Button TAS5828M Datasheet HTML 78Page - Texas Instruments TAS5828M Datasheet HTML 79Page - Texas Instruments TAS5828M Datasheet HTML 80Page - Texas Instruments TAS5828M Datasheet HTML 81Page - Texas Instruments TAS5828M Datasheet HTML 82Page - Texas Instruments TAS5828M Datasheet HTML 83Page - Texas Instruments TAS5828M Datasheet HTML 84Page - Texas Instruments TAS5828M Datasheet HTML 85Page - Texas Instruments TAS5828M Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 97 page
background image
properly decouple the output power stages in the manner described in the TAS5828M device Application and
Implementation. Lack of proper decoupling, like that shown in the Application and Implementation, results in
voltage spikes which can damage the device.
A separate power supply is required to drive the gates of the MOSFETs used in the output stage of the speaker
amplifier. This power supply is derived from the PVDD supply via an integrated linear regulator. A GVDD pin is
provided for the attachment of decoupling capacitor for the gate drive voltage regulator. It is important to note
that the linear regulator integrated in the device has only been designed to support the current requirements of
the internal circuitry, and should not be used to power any additional external circuitry. Additional loading on this
pin could cause the voltage to sag, negatively affecting the performance and operation of the device.
Another separate power supply is derived from the PVDD supply via an integrated linear regulator is AVDD.
AVDD pin is provided for the attachment of decoupling capacitor for the TAS5828M internal circuitry. It is
important to note that the linear regulator integrated in the device has only been designed to support the current
requirements of the internal circuitry, and should not be used to power any additional external circuitry. Additional
loading on this pin could cause the voltage to sag, negatively affecting the performance and operation of the
device.
TAS5828M
SLASEX7A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
82
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TAS5828M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com