Electronic Components Datasheet Search
  English  ▼

X  

TAS5828M Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5828M
Description  TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5828M Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5828M Datasheet HTML 45Page - Texas Instruments TAS5828M Datasheet HTML 46Page - Texas Instruments TAS5828M Datasheet HTML 47Page - Texas Instruments TAS5828M Datasheet HTML 48Page - Texas Instruments TAS5828M Datasheet HTML 49Page - Texas Instruments TAS5828M Datasheet HTML 50Page - Texas Instruments TAS5828M Datasheet HTML 51Page - Texas Instruments TAS5828M Datasheet HTML 52Page - Texas Instruments TAS5828M Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
Table 8-8. CONTROL PORT Registers (continued)
Offset
Acronym
Register Name
Section
6Fh
SS_CTRL4
Register 111
Section 8.6.1.42
70h
CHAN_FAULT
Register 112
Section 8.6.1.43
71h
GLOBAL_FAULT1
Register 113
Section 8.6.1.44
72h
GLOBAL_FAULT2
Register 114
Section 8.6.1.45
73h
WARNING
Register 115
Section 8.6.1.46
74h
PIN_CONTROL1
Register 116
Section 8.6.1.47
75h
PIN_CONTROL2
Register 117
Section 8.6.1.48
76h
MISC_CONTROL
Register 118
Section 8.6.1.49
77h
CBC_CONTROL
Register 119
Section 8.6.1.50
78h
FAULT_CLEAR
Register 120
Section 8.6.1.51
Complex bit access types are encoded to fit into small table cells. Table 8-9 shows the codes that are used for
access types in this section.
Table 8-9. CONTROL PORT Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
][l.,
www.ti.com
TAS5828M
SLASEX7A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TAS5828M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com