Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 4 Page - Analog Devices

Part # LT3757
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 4 Page - Analog Devices

  LT3757 Datasheet HTML 1Page - Analog Devices LT3757 Datasheet HTML 2Page - Analog Devices LT3757 Datasheet HTML 3Page - Analog Devices LT3757 Datasheet HTML 4Page - Analog Devices LT3757 Datasheet HTML 5Page - Analog Devices LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LT3935
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VEN/UVLO = 5V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RT Pin Current Limit
VRT = 0V, Current Out of Pin
34
µA
SYNC/SPRD Threshold
1
2
V
SYNC/SPRD Pin Current
VSYNC/SPRD = 3.3V
−100
100
nA
Soft-Start
SS Pin Charging Current
VSS = 0V
20
µA
SS Pin Discharging Current
VSS = 2V
1.25
µA
SS Lower Threshold (Falling)
200
mV
SS Higher Threshold (Rising)
1.7
V
Fault Detection
Open-Circuit Threshold (FB Rising)
l
930
950
975
mV
Open-Circuit Falling Hysteresis
55
mV
Short-Circuit Threshold (FB Falling)
l
180
200
220
mV
Short-Circuit Rising Hysteresis
50
mV
FAULT Pull-Down Current
VFAULT = 200mV, VFB = 0V
100
µA
FAULT Leakage Current
VFAULT = 3.3V, VFB = 700mV
−100
100
nA
Overvoltage Protection
FB Overvoltage Threshold (FB Rising)
1.050
V
FB Overvoltage Falling Hysteresis
48
mV
LED Current Monitor
ISMON Voltage
VISP − VISN = 100mV (100%), VISP = 12V
VISP − VISN = 10mV (10%), VISP = 12V
0.950
80
1.000
100
1.030
120
V
mV
PWM Driver
PWM Threshold (Rising)
VOUT = 12V
1.7
V
PWM Pin Current
VPWM = 2V
−100
100
nA
RP Pin Current Limit
RP = 0V, Current Out of Pin
60
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Do not apply a positive or negative voltage source to these pins,
otherwise permanent damage may occur.
Note 3: Specifications over the −40°C to 125°C operating junction
temperature range are assured by design, characterization and correlation
with statistical process controls. The The LT3935R is guaranteed over the
−40°C to 150°C operating junction temperature range. Operating lifetime is
derated for junction temperatures greater than 125°C.
Note 4: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.
Note 5: The current sense error amplifier is tested with VISP = 36V, and
separately, with VISN = 0V.
Note 6: The MIN on and off times are guaranteed by design and are not
tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com