Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 12 Page - Analog Devices

Part # LT3757
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 12 Page - Analog Devices

Back Button LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices LT3757 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LT3935
12
Rev. 0
For more information www.analog.com
OPERATION
The LT3935 is a step-down LED driver that utilizes fixed-
frequency, peak-current control to accurately regulate the
current through a string of LEDs. It includes two power
switches, their drivers, and a charge pump for providing
power to the top switch driver. The switches connect an
external inductor at the SW pin alternately to the input
supply and then to ground. The inductor current rises and
falls accordingly and the peak current can be regulated by
adjusting the duty ratio of the power switches through the
combined effect of the other circuit blocks.
The synchronous controller ensures the power switches
do not conduct at the same time, and a programmable
oscillator turns on the top switch at the beginning of each
switching cycle. The frequency of this oscillator is set by
an external resistor at the RT pin and can be overridden
by external pulses at the SYNC/SPRD pin. The SYNC/
SPRD pin can also be used to command spread spectrum
frequencymodulation(SSFM),whichreducesradiatedand
conducted electromagnetic interference (EMI).
Thetopswitchisturnedoffbythepeakcurrentcomparator
which waits during the on-time for the increasing inductor
current to exceed the target set by the voltage at the VC
pin. This target is modified by a signal from the oscillator
which stabilizes the inductor current. A capacitor at the VC
pin is necessary to stabilize this regulation loop.
The target for the inductor current is derived from the
desired LED current programmed by the voltage at the
CTRL pin. The analog-to-digital detector and the control
buffer convert either a DC voltage or digital pulses at the
CTRL pin into the input for the current regulation ampli-
fier. The other input to this amplifier comes from the ISP
and ISN pin voltages. An external current sense resistor
between these pins should be placed in series with the
string of LEDs such that the voltage across it provides the
feedback to regulate the LED current. The current regula-
tion amplifier then compares the actual LED current to the
programmed LED current and adjusts VC as necessary.
The voltage regulation amplifier overrides the current
regulation amplifier, when the FB pin voltage approaches
an internal 1V reference. An external resistor network
from the LED string to the FB pin provides an indication
of the LED string voltage and allows the voltage amplifier
to prevent overvoltage of the LED string.
The FB voltage is also monitored to detect fault conditions
like open and short-circuits, which are then reported by
pulling the FAULT pin low. The response to a fault can be
selected either to try hiccup restarts or to latch-off by the
choice of an external resistor connected to the SS pin.
Refer to Applications Information for a detailed explana-
tion of fault responses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com