Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 18 Page - Analog Devices

Part # LT3757
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices LT3757 Datasheet HTML 16Page - Analog Devices LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices LT3757 Datasheet HTML 19Page - Analog Devices LT3757 Datasheet HTML 20Page - Analog Devices LT3757 Datasheet HTML 21Page - Analog Devices LT3757 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LT3935
18
Rev. 0
For more information www.analog.com
Figure 12. Latch-Off Response to a Fault
FAULT DETECTED
CONTINUOUS
RSS = 1MEG
LATCH–OFF
RSS = 2MEG
10ms/DIV
SS
1V/DIV
3935 F12
APPLICATIONS INFORMATION
The charging rate of the soft-start capacitor is much faster
than the discharging rate, so while the fault persists, the
LT3935 will only attempt switching for a relatively short
part of the cycle before being interrupted. Although the
LT3935cansafelyendureashort-circuitwhilecontinuously
switching, this hiccup action saves power. The frequency
of the hiccups is inversely proportional to CSS and 100nF
yields about 8Hz.
The operating point of a voltage regulator supplying light
loads will frequently satisfy the criteria for an open-circuit,
andthehiccupbehaviorwouldthereforebeverydisruptive.
So when the LT3935 is configured as a voltage regulator,
a resistor RSS should be connected between INTVCC and
SS as shown in Figure 10.
The current that pulls down the SS pin during a fault is
so weak that if RSS is 1MΩ, the voltage at the SS pin
will never reach 1.7V. Therefore, the LT3935 will not
stop switching or start to hiccup. With this resistor, the
LT3935 will continue switching and rely on overvoltage
and overcurrent protection to guarantee safe operation in
the event of open-circuits and short-circuits.
If the resistor is changed to 2MΩ, then the SS pin may be
discharged to less than 1.7V, but not less than 200mV as
shown in Figure 12. The LT3935 will consequently cease
switching permanently until being reset by the EN/UVLO
pin or by powering off. Some applications may demand
this behavior so that short and open-circuits can be in-
vestigated manually before resuming normal operation.
Programming the EN/UVLO Threshold
An external voltage source can be used to set the voltage
at the EN/UVLO pin to enable or disable the LT3935. The
LT3935 will stop switching, and reset the SS pin when
the voltage at EN/UVLO drops below 1.16V, but internal
circuitry will continue drawing current. Full shutdown is
guaranteed when EN/UVLO is below 300mV, and in full
shutdown the LT3935 will draw less than 16μA. For ap-
plications in which the level of the source driving EN/UVLO
changes slowly, 20mV of hysteresis has been added to
the 1.16V enable threshold.
Alternatively, a resistor network can be placed between
VIN and EN/UVLO as shown in Figure 13. In this case,
EN/UVLO automatically falls below 1.16V and disables
switching when VIN falls below a certain level, called the
Undervoltage Lockout (UVLO) threshold, which is defined
by resistors REN1 and REN2. Additionally, a 4μA current
is designed to flow into EN/UVLO when the pin voltage
is below the threshold. This current provides additional
hysteresis. To define the hysteresis (VHYST) and the UVLO
threshold (VUVLO) select REN1 and REN2 according to the
following equations:
REN2 =
VHYST
4µA
–
VUVLO
480µA
REN1 =
1.16 •REN2
VUVLO – 1.16
Forexample,toprograma10Vthresholdwith1Vofhyster-
esis, use 226k and 29.4k for REN2 and REN1, respectively.
This latch-off behavior is the third of three ways that the
LT3935 can be programmed to respond to faults—the
other two being continuous operation and the default
hiccup behavior.
Figure 13. EN/UVLO Resistor Configuration
LT3935
3935 F13
EN/UVLO
VIN
REN2
REN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com