Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 14 Page - Analog Devices

Part # LT3757
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices LT3757 Datasheet HTML 16Page - Analog Devices LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LT3935
14
Rev. 0
For more information www.analog.com
Figure 4. Typical Average Conducted Emissions
APPLICATIONS INFORMATION
Setting Switching Frequency with the RT Pin
TheswitchingfrequencyoftheLT3935isprogrammedbya
resistor connected between the RT pin and GND. Values of
theRTresistorfrom45.3kupto523kprogramfrequencies
from 2MHz down to 200kHz as shown in Table 1. Higher
frequencies allow for smaller external components but
increase switching power losses and radiated EMI.
Table 1. RT Resistance Range
SWITCHING FREQUENCY
RT
2.0MHz
45.3k
1.6MHz
59.0k
1.2MHz
80.6k
1.0MHz
97.6k
750kHz
133k
500kHz
205k
400kHz
255k
300kHz
348k
200kHz
523k
Synchronizing Switching Frequency
The switching frequency can also be synchronized to an
external clock connected to the SYNC/SPRD pin. The high
level of the external clock must be at least 1.4V, and the
frequency must be between 200kHz and 2MHz. The RT
resistor is still required in this case, and the resistance
should correspond to the frequency of the external clock.
If the external clock ever stops, the LT3935 will rely on
the RT resistor to set the frequency.
Enabling Spread Spectrum Frequency Modulation
Connecting SYNC/SPRD to INTVCC will enable spread
spectrum frequency modulation (SSFM). The switching
frequencywillvaryfromthefrequencysetbytheRTresistor
to 125% of that frequency. If neither synchronization nor
SSFM is required, connect SYNC/SPRD to GND.
As shown in Figure 4, enabling SSFM can significantly at-
tenuate the electromagnetic interference that the LT3935,
like all switching regulators, emits at the switching fre-
quency and its harmonics. This feature is designed to
help devices that include the LT3935 perform better in the
various standard industrial tests related to interference.
The attenuation varies depending on the chosen switching
frequency, the range of frequencies in which interference
is measured, and whether a test measures peak, quasi-
peak, or average emissions. The results of several other
such emission measurements are included with select
Typical Applications.
Understanding the Current Limit
The choice of switching frequency should be made know-
ing that, although the maximum LED current that can be
programmed with the CTRL pin is 4A, the inductor current
may exceed 4A when the frequency is high and the output
voltage is low as in a short-circuit. This is because there
is a minimum on-time for which the SW pin will be driven
high during each switching period. The inductor current
increases during this time, and if the frequency is high and
the output voltage low, there may not be enough off-time
remainingineachswitchingperiodfortheinductorcurrent
to decrease back to the level at which it started. In this
case, the net inductor current would increase with each
switching period regardless of the state of the CTRL pin.
To prevent large inductor currents that would damage
the LT3935, the high-side switch is not turned on until
the inductor current decreases to less than the inductor
“valley” limit (called the DA limit), which is approximately
6.4A. The peak inductor current may increase to 6.8A, but
theoff-timeandtheswitchingperiodareextendeduntilthe
inductor current reaches equilibrium as shown in Figure 5.
SSFM OFF
SSFM ON
FREQUENCY (MHz)
1
3
5
7
9
11
–20
–10
0
10
20
30
40
50
3935 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com