Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 10 Page - Analog Devices

Part # LT3757
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LT3935
10
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
SYNC/SPRD: Synchronization Pin. To override the pro-
grammed switching frequency, drive this pin with an
external clock having a frequency between 200kHz and
2MHz. Even when using the external clock, select an RT
resistor that corresponds to the desired switching fre-
quency. Tie the pin to INTVCC to enable spread spectrum
frequency modulation. This pin should be tied to GND
when not in use.
BST: Boost Pin. This pin supplies the high side power
switch driver. Connect a 100nF capacitor between this pin
and SW. An internal charge pump from INTVCC to BST will
charge the capacitor when the SW pin is low.
PWM: PWM Input Pin. With the RP pin tied to GND, tie
this pin to VREF or INTVCC pin when PWM dimming is
not required.
RP: PWM Resistor Pin. Tie this pin to GND.
VOUT: Tie this pin to the output voltage even if dimming
is not required.
GND: Ground Pins. These must be soldered to the ground
plane of the circuit board.
NC: No Connection Pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com