Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3757
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3757 Datasheet HTML 5Page - Analog Devices LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LT3935
9
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
VIN: Input Voltage Pins. These pins supply power to the
internal,highperformanceanalogcircuitry,andtheysupply
theinductorcurrentwhentheinternalhighsidepowerswitch
is on. Connect capacitors between these pins and GND and
seeSelectingandPlacingtheInputCapacitorsinApplications
Information for advice regarding their placement.
EN/UVLO:EnableandUndervoltageLockoutPin.Avoltage
at this pin greater than 1.16V will enable switching, and
a voltage less than 300mV is guaranteed to shut down
the internal current bias and sub-regulators. A resistor
network between this pin and GND can be used to set the
pin voltage and automatically lockout the part when VIN is
below a certain level. No internal components pull up or
down on this pin, so it requires an external voltage bias
for normal operation. This pin may be tied directly to VIN.
INTVCC: Internally Regulated, Low-Voltage Supply Pin.
This pin provides the power for the converter switch gate
drivers. Do not force any voltage on this pin, but bypass
it with a 2.2µF capacitor to GND.
ISP: Positive Current Sense Pin. This pin is one of the
inputs to the internal current sense error amplifier. It
should be connected to the positive side of the external
sense resistor.
ISN: Negative Current Sense Pin. This pin is one of the
inputs to the internal current sense error amplifier. It
should be connected to the negative side of the external
sense resistor.
ISMON: Output Current Monitoring Pin. This pin provides
a buffered voltage output equal to 10mV for every 1mV
between ISP and ISN.
CTRL: Control Pin. An analog voltage from 250mV to
1.25V at this pin programs the regulated voltage between
ISP and ISN (and therefore, the regulated current supplied
to the load). Alternatively, a digital pulse at this pin with
duty cycle from 12.5% to 62.5% can be used to program
the regulated voltage. Below 200mV or 10% duty cycle,
the CTRL pin voltage disables switching. For more detail,
see Regulated LED Current in Typical Performance Curves
and Programming LED Current with the CTRL Pin in Ap-
plications Information.
VREF: Reference Voltage Pin. This pin provides a buffered
2V reference capable of 2mA drive. It can be used to sup-
ply resistor networks for setting the voltages at the CTRL
and PWM pins. Bypass with a 2.2μF capacitor to GND.
FB: Feedback Pin. When the voltage at this pin is near 1V,
the regulated current is automatically reduced from the
programmed value. A resistor network between this pin
and VOUT can be used to set a limit for the output voltage.
If the voltage at the FB pin reaches 1.05V, an overvoltage
lockout comparator disables switching.
FAULT: Fault Pin. Connect to INTVCC through a resistance
of 100k. When the FB pin voltage is less than 200mV, an
internal switch pulls this pin low to indicate a short-circuit.
When FB is greater than 950mV and the voltage between
ISP and ISN is simultaneously less than 10mV, the switch
pulls this pin low to indicate an open-circuit.
SS: Soft-Start Pin. At startup and recovery from fault
conditions, a 20μA current charges the capacitor and the
FB voltage tracks the rising voltage at this pin until the
load current reaches its programmed level. Typical values
for the capacitor are 10nF to 100nF. A resistor from SS to
INTVCC is used to select one of several fault modes. See
Soft-Start and Fault Modes in Applications Information
for more details.
VC: Compensation Pin. A capacitor connected from this
pin to GND stabilizes the current and voltage regulation.
See Stabilizing the Regulation Loop in the Applications
Information section for more details.
SW: Switch Pins. These two pins are internally connected
to the power devices and drivers. They should always be
tied together. In normal operation, the voltage of these
pins will switch between the input voltage and zero at
the programmed frequency. Do not force any voltage on
these pins.
RT: Timing Resistor Pin. A resistor from this pin to GND
programs the switching frequency between 200kHz and
2MHz. Do not leave this pin open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com