Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 5 Page - Analog Devices

Part # LT3757
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 5 Page - Analog Devices

  LT3757 Datasheet HTML 1Page - Analog Devices LT3757 Datasheet HTML 2Page - Analog Devices LT3757 Datasheet HTML 3Page - Analog Devices LT3757 Datasheet HTML 4Page - Analog Devices LT3757 Datasheet HTML 5Page - Analog Devices LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LT3935
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
EN/UVLO Threshold
EN/UVLO Pin Current
VIN UVLO Threshold
VIN Shutdown Current
VIN Quiescent Current
INTVCC Voltage
INTVCC Load Regulation
VREF Voltage
VREF Load Regulation
VREF CURRENT (mA)
0
0.5
1
1.5
2
2.5
1.97
1.98
1.99
2.00
2.01
2.02
VREF Load Regulation
3935 G09
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
3.0
3.1
3.2
3.3
3.4
3.5
3.6
INTVCC Voltage
3935 G06
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
2.6
2.8
3.0
3.2
3.4
3.6
VIN UVLO Threshold
3935 G03
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.97
1.98
1.99
2.00
2.01
2.02
VREF Voltage
3935 G08
VEN/UVLO = 2V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.5
2.0
2.5
3.0
3.5
VIN Quiescent Current
3935 G05
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
3.0
3.5
4.0
4.5
5.0
EN/UVLO Pin Current
3935 G02
INTVCC CURRENT (mA)
0
5
10 15 20 25 30 35 40 45
3.05
3.15
3.25
3.35
3.45
INTVCC Load Regulation
3935 G07
VEN/UVLO = 0.3V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
2
3
5
7
8
3935 G04
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.00
1.05
1.10
1.15
1.20
1.25
1.30
EN/UVLO Threshold
3935 G01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com