Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 15 Page - Analog Devices

Part # LT3757
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices LT3757 Datasheet HTML 16Page - Analog Devices LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices LT3757 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
LT3935
15
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The DA limit is relevant only when the output is shorted to
GND. When the LED string is shorted to GND, the voltage
across is high enough that the required on-time is greater
than the minimum on-time. This means that, in spite of a
shortedLEDstring,theinductorcurrentremainsinregula-
tion even at the highest switching frequency.
Selecting an Inductor
The inductor must be rated for the current limit regardless
of the intended application. Its value, in most applications,
should be selected such that the inductor current ripple is
not more than 25% of the maximum output current. When
that current is 4A, for example, the minimum inductance
can be calculated using the following equation:
L = 1µH •
VOUT
VIN(MAX)
•
VIN(MAX) – VOUT
1V
• 1MHz
fSW
However,forhighoutputvoltageseventheaboveequation
would suggest an inductance value that is too small. For
stability, the LT3935 requires an inductance greater than:
L =
1µH
3
•
VOUT
1V
• 1MHz
fSW
Choose the larger of the values given by these equations.
The manufacturers featured in Table 2 are recommended
sources of inductors.
Table 2. Inductor Manufacturers
MANUFACTURER
WEBSITE
Wurth Elektronik
www.we-online.com
Coilcraft
www.coilcraft.com
Selecting an Output Capacitor
SomeapplicationsaresensitivetoripplecurrentintheLED
string. In those cases, a capacitor at the output will absorb
part of the inductor current ripple and thereby reduce the
LED current ripple. Typically, the value of this capacitance
is inversely proportional to the switching frequency and
the output voltage as shown below:
COUT = 100µF •
1V
VOUT
•
1MHz
fSW
However, applications may still be stable with more or
less capacitance, and more capacitance may improve LED
current waveforms.
Use X7R or X5R ceramic capacitors as they retain their
capacitance better than other capacitor types over a wide
voltageandtemperaturerange.Sourcesofqualityceramic
and electrolytic capacitors are listed in Table 3.
Table 3. Capacitor Manufacturers
MANUFACTURER
WEBSITE
Murata Manufacturing
www.murata.com
Garrett Electronics
www.garrettelec.com
AVX
www.avx.com
Nippon Chemi-Con
www.chemi-con.co.jp
Stabilizing the Regulation Loop
Stabilizing the regulation loop typically requires only a
capacitor CC connected from the VC pin to GND. For most
designs, values between 1nF and 10nF are suitable. When
using an output capacitor COUTlargerthan10µF,aresistor
RC in series with CC is also necessary. Larger valves of
COUT require larger values of RC. See Typical Applications
for some examples.
Selecting and Placing the Input Capacitors
Although they do not impact stability, several capacitors
are necessary between VIN and GND to properly bypass
the input supply voltage. At least 10μF is required in total,
althoughitdoesnothavetobecomposedentirelyofceramic
capacitors placed very close to the VIN pins. However, it
is important that a ceramic capacitor be placed as close
Figure 5. Extended Off-Time at Current Limit
OUTPUT SHORTED
DA LIMIT
100µs/DIV
INDUCTOR
CURRENT
2A/DIV
3935 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com