Electronic Components Datasheet Search
  English  ▼

X  

ADAQ23876BBCZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADAQ23876BBCZ
Description  16-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23876BBCZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADAQ23876BBCZ Datasheet HTML 26Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 27Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 28Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 29Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 30Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 31Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 32Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 33Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Data Sheet
ADAQ23876
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 30 of 37
VOLTAGE REFERENCE INPUT
The ADAQ23876 µModule has an internal low noise, low drift (20
ppm/°C), band gap reference connected to REFIN. An internal
reference buffer gains the REFIN voltage by 2× to 4.096 V at
the REFBUF pin. The voltage difference between REFBUF and
GND determines the full-scale input range of the ADAQ23876. The
common-mode voltage of VCMO and LVDS pins are derived from
REFBUF. Therefore, a voltage at REFBUF pin must be stable after
the ADAQ23876 is powered on or exits power-down mode before
starting a conversion cycle. The reference and reference buffer can
also be externally driven if desired. Also housed in the ADAQ23876
is a 10 μF decoupling capacitor between REFBUF and GND that
is ideally laid out within the device. This decoupling capacitor is
a required component of the SAR architecture. Adding a second,
smaller capacitor in parallel with the 10 μF capacitor may degrade
performance and is not recommended.
Internal Reference with Internal Reference
Buffer
To use the internal reference and internal reference buffer, bypass
the REFIN pin to GND with a 0.1 μF ceramic capacitor.
External Reference with Internal Reference
Buffer
If more accuracy and/or lower drift is desired, REFIN can be directly
overdriven by an external 2.048 V reference as shown in Figure 81.
Analog Devices offers a portfolio of high performance references
designed to meet the needs of many applications. With small size,
low power, and high accuracy, the LTC6655 is well suited for use
with the ADAQ23876 when overdriving the internal reference. The
LTC6655 offers 0.025% (maximum) initial accuracy and 2 ppm/°C
(maximum) temperature coefficient for high precision applications.
Figure 81. Using the LTC6655 as an External Reference
External Reference Buffer
The internal reference buffer can also be overdriven with an exter-
nal 4.096 V reference at REFBUF as shown in Figure 82. To do
so, REFIN must be grounded to disable the reference buffer. The
external reference must have a fast transient response and be
able to drive the 0.5 mA to 1.6 mA load at the REFBUF pin. The
LTC6655 is recommended when overdriving REFBUF.
Figure 82. Overdriving REFBUF Using the LTC6655
COMMON-MODE OUTPUT
The VCMO pin is an output that provides one half the voltage
present on the REFBUF pin. This voltage is used to set the
common mode of a differential amplifier driving the analog inputs.
If VCMO is not used, it can be left floating, but the parasitic
capacitance on the pin must be under 10 pF.
POWER SUPPLY
The ADAQ23876 uses four power supplies: an internal ADC core
supply (VDD), a digital input/output interface supply (VIO), a fully
differential ADC driver positive supply (VS+), and a negative supply
(VS−). Figure 58 shows the typical total power dissipation including
individual consumption for each of the VS+, VDD, and VIO sup-
plies. It is recommended to bypass each of the supply pins (VDD,
VIO, VS+, and VS−) with a 2.2 μF (0402, X5R) ceramic decoupling
capacitor connected to GND. See the Board Layout section for the
layout guidelines.
Power Supply Sequencing
The ADAQ23876 does not have any specific power supply se-
quencing requirements. The internal ADC core of ADAQ23876 has
a power-on-reset (POR) circuit that resets the ADAQ23876 at initial
power-up or whenever VDD drops well below the minimum values.
After the supply voltage re-enters the nominal supply voltage range,
the POR reinitializes the ADAQ23876. After the ADAQ23876 is
powered on or exits power-down mode, conversion data is invalid
for the first two conversion cycles. The subsequent conversion
results are accurate as long as the time between conversions
meets the tCYC specification.
Power-Down Mode
The power-down mode of fully differential ADC driver is asserted by
applying a low logic level (GND) to the PDB_AMP pin to minimize
the quiescent current consumed when the ADAQ23876 is not being
used. When the PDB_AMP pin is connected to GND, the fully
differential ADC driver output is high impedance. When PDB_ADC
is low logic level, an internal ADC core enters power-down mode,
and all circuitry (including the LVDS interface) is shut down. When
PDB_AMP and PDB_ADC are connected to a high logic level,
the ADAQ23876 operates normally. The logic levels for both the
PDB_AMP and PDB_ADC pins are determined by VS+ and VIO,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com