Electronic Components Datasheet Search
  English  ▼

X  

ADAQ23876BBCZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADAQ23876BBCZ
Description  16-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23876BBCZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADAQ23876BBCZ Datasheet HTML 28Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 29Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 30Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 31Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 32Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 33Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 34Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 35Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Data Sheet
ADAQ23876
DIGITAL INTERFACE
analog.com
Rev. 0 | 32 of 37
The ADAQ23876 conversion is controlled by the CNV+ and CNV–
inputs, which can be driven directly with an LVDS signal. Alterna-
tively, the CNV+ pin can be driven with a 0 V to 2.5 V CMOS signal
when CNV– is connected to GND. A rising edge on CNV+ samples
the analog inputs and initiates a conversion. The pulse width of
CNV+ must meet the tCNVH and tCNVL specifications in the timing
table (see Table 2).
After the ADAQ23876 is powered on or exits power-down mode,
conversion data is invalid for the first two conversion cycles. The
subsequent conversion results are accurate as long as the time
between conversions meets the tCYC specification. If the analog
input signal has not completely settled when it is sampled, the
ADAQ23876 noise performance is affected by jitter on the rising
edge of CNV+. In this case, drive the rising edge of CNV+ with a
clean, low jitter signal. Note that the ADAQ23876 is less sensitive to
jitter on the falling edge of CNV+. In applications that are insensitive
to jitter, CNV can be driven directly from a field programmable gate
array (FPGA).
The ADAQ23876 has an internal clock that is trimmed to achieve a
maximum conversion time of 63 ns. With a typical acquisition time
of 27.7 ns, throughput performance of 15 MSPS is achieved.
The ADAQ23876 has a serial LVDS digital interface that is easy to
connect to an FPGA. Three LVDS pairs are required: CLK±, DCO±,
and DA±. A fourth LVDS pair, DB±, is optional (see Figure 83).
Route the LVDS signals on the PCB as 100 Ω differential transmis-
sion lines and terminated at the receiver with 100 Ω resistors. The
optional LVDS output, DB±, is enabled, and data is output two bits
at a time on DA± and DB±. Enabling the DB± output increases the
supply current from VIO by about 3.6 mA. In two-lane mode, four
clock pulses are required for CLK± (see Figure 87).
Figure 83. Digital Output Interface to an FPGA
ONE-LANE OUTPUT MODE
A conversion is started by the rising edge of CNV+. When the
conversion is complete, the most significant data bit is output on
DA±. Data is then ready to be shifted out by applying a burst of
eight clock pulses to the CLK± input. The data on DA± is updated
by every edge of CLK±. An echoed version of CLK± is output on
DCO±. The edges of DA± and DCO± are aligned. Therefore, DCO±
can be used to latch DA± in the FPGA. The timing of a single
conversion is shown in Figure 84 and Figure 85. Data must be
clocked out after the current conversion is complete, and before
the next conversion finishes. The valid time window for clocking out
data is shown in Figure 86. Note that it is allowed to be still clocking
out data when the next conversion begins.
TWO-LANE OUTPUT MODE
At high sample rates, the required LVDS interface data rate can
reach >400 Mbps. Most FPGAs can support this rate, but if a lower
data rate is desired, the two-lane output mode can be used. When
the TWOLANES input pin is connected high (VIO), the ADAQ23876
outputs two bits at a time on DA−/DA+ and DB−/DB+, as shown in
Figure 87.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com