Electronic Components Datasheet Search
  English  ▼

X  

ADAQ23876BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADAQ23876BBCZ
Description  16-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23876BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADAQ23876BBCZ Datasheet HTML 5Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 6Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 7Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 8Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 9Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 10Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 11Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 12Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Data Sheet
ADAQ23876
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 9 of 37
Table 3.
Parameter
Rating
Analog Inputs
IN1+, IN1− to GND
−12 V to +12 V or 8 mA
IN2+, IN2− to GND
−12 V to +12 V or 12 mA
Supply Voltage
VDD to GND
6 V
VIO to GND
2.8 V
VS+ to VS−
11 V
VS+ to GND
−0.3 V to +11 V
VS− to GND
−11 V to +0.3 V
REFBUF to GND
−0.3 V to VDD + 0.3 V
REFIN to GND
−0.3 V to +2.8 V
Digital Inputs to GND
−0.3 V to VIO + 0.3 V
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Lead Temperature Soldering
260°C reflow as per JEDEC J-
STD-020
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
Table 4. Thermal Resistance
Package
Type1
θJA
ΨJT
ΨJB
θJC
BOTTOM
θJC TOP θJB
Unit
BC-100-7 48.43
4.64
27.89
9.9
35.15
33.24
°C/W
1 Test Condition 1: thermal impedance simulated values are based on use of a
2S2P with vias JEDEC PCB excluding the θJC TOP which uses 1S0P JEDEC
PCB.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for the handling of ESD
sensitive devices in an ESD protected area only.
The human body model (HBM) is per ANSI/ESDA/JEDDEC JS-001.
The field induced charged device model (FICDM) per ANSI/ES-
DA/JEDEC JS-002.
ESD Ratings for ADAQ23876
Table 5. ADAQ23876, 100-Ball CSP_BGA
ESD Model
Withstand Threshold (V)
HBM
2250
FICDM
1000
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com