Electronic Components Datasheet Search
  English  ▼

X  

ADAQ23876BBCZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADAQ23876BBCZ
Description  16-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23876BBCZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADAQ23876BBCZ Datasheet HTML 20Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 21Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 22Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 23Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 24Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 25Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 26Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 27Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Data Sheet
ADAQ23876
TERMINOLOGY
analog.com
Rev. 0 | 24 of 37
Common-Mode Rejection Ratio (CMRR)
CMRR is the ratio of the power in the µModule output at the
frequency, f, to the power of a 1.3 V p-p sine wave applied to the
input common-mode voltage of frequency, f.
CMRR (dB) = 10log(PµModule_IN/PµModule_OUT)
where:
PµModule_IN is the common-mode power at the frequency, f, applied
to the inputs.
PµModule_OUT is the power at the frequency, f, in the µModule output.
Power Supply Rejection Ratio (PSRR)
PSRR is the ratio of the power in the µModule output at the
frequency, f, to the power of a 500 mV p-p sine wave applied to the
VDD and VS+ supply voltage centered at 5 V and 100 mV p-p for a
VS− supply voltage centered at − 1 V of frequency, f.
PSRR (dB) = 10 log(PµModule_IN/PµModule_OUT)
where:
PµModule_IN is the power at the frequency, f, at each of the VDD,
VS+, and VS− supply pins.
PµModule_OUT is the power at the frequency, f, in the µModule output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com