Electronic Components Datasheet Search
  English  ▼

X  

ADAQ23876BBCZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADAQ23876BBCZ
Description  16-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23876BBCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADAQ23876BBCZ Datasheet HTML 6Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 7Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 8Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 9Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 10Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 11Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 12Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 13Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Data Sheet
ADAQ23876
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 10 of 37
Figure 5. 100-Ball CSP_BGA Pin Configuration, Top View
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
A1, A7, A9, B7, B9, C6, C7, C8, C9,
C10, D2, D4, D5, D7, D8, D9, E1, E2,
E3, E5, E6, E7, E8, E9, F3, F4, F5, F6,
F7, F8, F9, F10, G1, G2, G3, G4, G5,
G6, G7, G8, G9, H2, H3, H4, H5, H6,
H7, H8, H9, J2, J5, J6, J7, J8, J9, K1,
K2, K4
GND
P
Power Supply Ground.
A2, B2
IN1−
AI
Negative Input of the FDA Connected to 1000 Ω Resistor.
A3, B3
IN1+
AI
Positive Input of the FDA Connected to 1000 Ω Resistor.
A4, B4
IN2−
AI
Negative Input of the FDA Connected to 1571 Ω Resistor.
A5, B5
IN2+
AI
Positive Input of the FDA Connected to 1571 Ω Resistor.
A6
SJ−
AI
Negative Input of the FDA.
B6
SJ+
AI
Positive Input of the FDA.
A8
VIO
P
2.5 V Analog and Output Power Supply. The range of VIO is 2.375 V to 2.625 V. Bypass this pin to
GND with an at least 2.2 μF (0402, X5R) ceramic capacitor.
A10
CNV+
DI
Conversion Start LVDS Input. A rising edge on CNV+ puts the internal sample-and-hold in hold mode
and starts a conversion cycle. CNV+ can be also driven with a 2.5 V CMOS signal if CNV− is
connected to GND.
B1
PDB_AMP
DI
Active Low. Connect this pin to GND to power down the fully differential ADC driver. Otherwise,
connect this pin to VS+.
B8
TWOLANES
DI
Digital Input that Enables Two-Lane Output Mode. When TWOLANES is connected high (two-lane
output mode), the ADAQ23876 outputs two bits at a time on DA−/DA+ and DB−/DB+. When
TWOLANES is low (one-lane output mode), the ADAQ23876 outputs one bit at a time on DA−/DA+,
and DB−/DB+ are disabled. Logic levels are determined by VIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com