Electronic Components Datasheet Search
  English  ▼

X  

ADAQ23876BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADAQ23876BBCZ
Description  16-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23876BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADAQ23876BBCZ Datasheet HTML 8Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 9Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 10Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 11Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 12Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 13Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 14Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 15Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Data Sheet
ADAQ23876
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 12 of 37
VDD = 5 V ± 5%, VS+ = 5 V ± 5%, VS− = −1 V ± 5%, VS− = 0 V (95% of VIN), VIO = 2.375 V to 2.625 V, REFBUF = 4.096 V, sampling
frequency (fS) = 15 MSPS, gain = 0.37, 0.73, 0.87, 1.38, and 2.25, and all specifications TMIN to TMAX, unless otherwise noted.
Figure 6. INL vs. Code for Various Temperatures, Gain = 2.25, Gain = 1.38,
Gain = 0.87, Gain = 0.73, Differential, Single-Ended
Figure 7. INL vs. Code for Various Temperatures, Gain = 0.37, Differential
Figure 8. INL vs. Code for Various Temperatures, Gain = 0.37, Single-Ended
Figure 9. DNL vs. Code for Various Temperatures
Figure 10. INL vs. Hits per Code, Gain = 2.25, Differential
Figure 11. INL vs. Hits per Code, Gain = 0.37, Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com