Electronic Components Datasheet Search
  English  ▼

X  

ADAQ23876BBCZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADAQ23876BBCZ
Description  16-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23876BBCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADAQ23876BBCZ Datasheet HTML 11Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 12Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 13Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 14Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 15Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 16Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 17Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 18Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Data Sheet
ADAQ23876
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 15 of 37
Figure 24. 20 kHz, −1 dBFS Input Tone FFT, Wide View, Gain = 1.38, Single-
Ended, VCMO = 0 V
Figure 25. 20 kHz, −1 dBFS Input Tone FFT, Wide View, Gain = 2.25, Single-
Ended, VCMO = 0 V
Figure 26. 100 kHz, −1 dBFS Input Tone FFT, Wide View, Gain = 0.37,
Differential
Figure 27. 100 kHz, −1 dBFS Input Tone FFT, Wide View, Gain = 0.73,
Differential
Figure 28. 100 kHz, −1 dBFS Input Tone FFT, Wide View, Gain = 0.87,
Differential
Figure 29. 100 kHz, −1 dBFS Input Tone FFT, Wide View, Gain = 1.38,
Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com