Electronic Components Datasheet Search
  English  ▼

X  

ADAQ23876BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADAQ23876BBCZ
Description  16-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23876BBCZ Datasheet(HTML) 5 Page - Analog Devices

  ADAQ23876BBCZ Datasheet HTML 1Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 2Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 3Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 4Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 5Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 6Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 7Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 8Page - Analog Devices ADAQ23876BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Data Sheet
ADAQ23876
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 37
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
Gain = 2.25
−66.8
dB
Spurious-Free Dynamic Range (SFDR)
fIN = 1 kHz
dB
Gain = 0.37
106.4
dB
Gain = 0.73 and gain = 0.87
123
dB
Gain = 1.38
117.1
dB
Gain = 2.25
115.5
dB
fIN = 100 kHz
Gain = 0.37
100
dB
Gain = 0.73, gain = 0.87, gain = 1.38, and gain = 2.25
104
dB
fIN = 1MHz
Gain = 0.73
74.8
dB
Gain = 0.87
71.8
dB
Gain = 1.38
70.5
dB
Gain = 2.25
68.1
dB
−3 dB Input Bandwidth, RC Filter
Output voltage (VOUT) differential (VOUTDIFF) = 2 V p-p
42
MHz
Aperture Delay9
0
ns
Aperture Jitter10
0.25
psRMS
REFERENCE
REFIN, Internal Reference Output Voltage
Output current (IOUT) = 0 μA
2.028
2.048
2.068
V
Temperature Coefficient
±5
±20
ppm/°C
Output Impedance
15
kΩ
Line Regulation
VDD = 4.75 V to 5.25 V
0.3
mV/V
Input Voltage Range
REFIN overdriven
2.028
2.048
2.068
V
Reference Buffer Output Voltage, REFBUF
REFIN = 2.048 V
4.056
4.096
4.136
V
Input Voltage Range
REFBUF overdriven10
4.056
4.096
4.136
V
Load Current
REFBUF = 4.096 V (REFBUF overdriven)
1.75
1.95
mA
REFBUF = 4.096 V (REFBUF overdriven)
0.5
mA
VCMO11
Common-Mode Output Voltage
REFBUF = 4.096 V, IOUT = 0 μA
2.028
2.048
2.028
V
Output Impedance
–1 mA < IOUT < +1 mA
15
Ω
DIGITAL INPUTS
Logic Levels
Input Low Voltage, VIL
VIO = 2.5 V
0.6
V
Input High Voltage, VIH
VIO = 2.5 V
1.7
V
Digital Input Current
VIN = 0 V to 2.5 V
−10
+10
µA
Input Pin Capacitance
3
pF
CNV+/CNV– and CLK+/CLK– (LVDS Clock
Input)
Differential Input Voltage, VID
175
350
650
mV
Common-Mode Input Voltage, VICM
0.8
1.25
1.7
V
DCO+/DCO–, DA+/DA–, DB+/DB– (LVDS
Outputs)
Differential Output Voltage, VOD
100 Ω differential load
247
350
454
mV
Common-Mode Output Voltage, VOS
100 Ω differential load
1.125
1.25
1.375
V
POWER-DOWN MODE
ADC Driver (PDB_AMP)/ADC (PDB_ADC)
Low
Power-down mode
<1
V
High
Enabled, normal operation
>1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com