Electronic Components Datasheet Search
  English  ▼

X  

SPC582BX Datasheet(PDF) 44 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 44 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 40Page - STMicroelectronics SPC582BX Datasheet HTML 41Page - STMicroelectronics SPC582BX Datasheet HTML 42Page - STMicroelectronics SPC582BX Datasheet HTML 43Page - STMicroelectronics SPC582BX Datasheet HTML 44Page - STMicroelectronics SPC582BX Datasheet HTML 45Page - STMicroelectronics SPC582BX Datasheet HTML 46Page - STMicroelectronics SPC582BX Datasheet HTML 47Page - STMicroelectronics SPC582BX Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 115 page
background image
Electrical characteristics
SPC582Bx
44/115
DS11597 Rev 4
4.11.3
Low power RC oscillator
Table 23. 1024 kHz internal RC oscillator electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Fsirc
CC
T
Slow Internal
RC oscillator
frequency
—
—
1024
—
kHz
δfvar_T
CC
P
Frequency
variation across
temperature
–40 °C < T <
150 °C
–9
—
+9
%
δfvar_V
CC
P
Frequency
variation across
voltage
–40 °C < T <
150 °C
–5
—
+5
%
Isirc
CC
T
Slow Internal
RC oscillator
current
T = 55 °C
—
—
6
µA
Tsirc
CC
T
Start up time,
after switching
ON the internal
regulator.
——
—
12
µS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com