Electronic Components Datasheet Search
  English  ▼

X  

SPC582BX Datasheet(PDF) 38 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 34Page - STMicroelectronics SPC582BX Datasheet HTML 35Page - STMicroelectronics SPC582BX Datasheet HTML 36Page - STMicroelectronics SPC582BX Datasheet HTML 37Page - STMicroelectronics SPC582BX Datasheet HTML 38Page - STMicroelectronics SPC582BX Datasheet HTML 39Page - STMicroelectronics SPC582BX Datasheet HTML 40Page - STMicroelectronics SPC582BX Datasheet HTML 41Page - STMicroelectronics SPC582BX Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 115 page
background image
Electrical characteristics
SPC582Bx
38/115
DS11597 Rev 4
4.10
PLLs
Two phase-locked loop (PLL) modules are implemented to generate system and auxiliary
clocks on the device.
Figure 7 depicts the integration of the two PLLs. Refer to device Reference Manual for more
detailed schematic.
Figure 7. PLLs integration
4.10.1
PLL0
PLL0
PLL1
IRCOSC
XOSC
PLL1_PHI
PLL0_PHI1
PLL0_PHI
Table 19. PLL0 electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fPLL0IN
SR
— PLL0 input clock(1)
—8
—
44
MHz
ΔPLL0IN
SR
—
PLL0 input clock duty
cycle(1)
—40
—
60
%
fINFIN
SR
—
PLL0 PFD (Phase
Frequency Detector) input
clock frequency
—8
—
20
MHz
fPLL0VCO
CC
P
PLL0 VCO frequency
—
600
—
1400
MHz
fPLL0PHI0
CC
D PLL0 output frequency
—
4.762
—
FSYS(2) MHz
fPLL0PHI1
CC
D PLL0 output clock PHI1
—
20
—
175(3)
MHz
tPLL0LOCK
CC
P
PLL0 lock time
—
—
—
100
µs
|ΔPLL0PHI0SPJ|(4) CC
T
PLL0_PHI0 single period
jitter
fPLL0IN = 20 MHz
(resonator)
fPLL0PHI0 = 400 MHz,
6-sigma pk-pk
—
—
200
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com