Electronic Components Datasheet Search
  English  ▼

X  

SPC582BX Datasheet(PDF) 37 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 33Page - STMicroelectronics SPC582BX Datasheet HTML 34Page - STMicroelectronics SPC582BX Datasheet HTML 35Page - STMicroelectronics SPC582BX Datasheet HTML 36Page - STMicroelectronics SPC582BX Datasheet HTML 37Page - STMicroelectronics SPC582BX Datasheet HTML 38Page - STMicroelectronics SPC582BX Datasheet HTML 39Page - STMicroelectronics SPC582BX Datasheet HTML 40Page - STMicroelectronics SPC582BX Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 115 page
background image
DS11597 Rev 4
37/115
SPC582Bx
Electrical characteristics
37
IOL_R
CC
P
Strong pull-down
current (1)
VDD_HV =5.0 V ± 10%
12
—
—
mA
VDD_HV =3.3 V ± 10%
8
—
—
IWPU
CC
P
Weak pull-up
current absolute
value
VIN =1.1 V(2)
VDD_HV =5.0 V ± 10%
—
—
130
μA
PVIN =1.1 V
VDD_HV =3.3 V ± 10%
——
70
PVIN = 0.69 *
VDD_HV_IO(3)
VDD_HV =5.0 V ± 10%
15
—
—
PVIN =0.69 * VDD_HV_IO
VDD_HV =3.3 V ± 10%
15
—
—
IWPD
CC
P
Weak pull-down
current absolute
value
VIN = 0.69 *
VDD_HV_IO(2)
VDD_HV =5.0 V ± 10%
—
—
130
μA
PVIN = 0.69 *
VDD_HV_IO(2)
VDD_HV =3.3 V ± 10%
——
80
PVIN =0.9 V
VDD_HV =5.0 V ± 10%
15
—
—
PVIN =0.9 V
VDD_HVDD_HV =3.3 V
± 10%
15
—
—
WFRST
CC
P
Input filtered
pulse
VDD_HV = 5.0 V ± 10%
—
—
500
ns
PVDD_HV = 3.3 V ± 10%
—
—
600
WNFRST
CC
P
Input not filtered
pulse
VDD_HV =5.0 V ± 10%
2000
—
—
ns
PVDD_HV =3.3 V ± 10%
3000
—
—
1. Iol_r applies to PORST: Strong Pull-down is active on PHASE0 for PORST. Refer to the device pinout IO definition excel file
for details regarding pin usage.
2. Maximum current when forcing a change in the pin level opposite to the pull configuration.
3. Minimum current when keeping the same pin level state than the pull configuration.
Table 17. Reset PAD electrical characteristics (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Table 18. Reset Pad state during power-up and reset
PAD
POWER-UP State
RESET state
DEFAULT state(1)
STANDBY state
PORST
Strong pull-down
Weak pull-down
Weak pull-down
Weak pull-up
1. Before SW Configuration. Please refer to the Device Reference Manual, Reset Generation Module (MC_RGM) Functional
Description chapter for the details of the power-up phases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com