Electronic Components Datasheet Search
  English  ▼

X  

SPC582BX Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 4Page - STMicroelectronics SPC582BX Datasheet HTML 5Page - STMicroelectronics SPC582BX Datasheet HTML 6Page - STMicroelectronics SPC582BX Datasheet HTML 7Page - STMicroelectronics SPC582BX Datasheet HTML 8Page - STMicroelectronics SPC582BX Datasheet HTML 9Page - STMicroelectronics SPC582BX Datasheet HTML 10Page - STMicroelectronics SPC582BX Datasheet HTML 11Page - STMicroelectronics SPC582BX Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 115 page
background image
Description
SPC582Bx
8/115
DS11597 Rev 4
Figure 1. Block diagram
SPU
DCI
JTAGC
JTAGM
NPC
Nexus Data
Trace
16 Ch
eDMA
32 ADD
32 DATA
AHB_M6
AHB_M5
AHB_M4
FLASH
1 MB
EEPROM
4x16 KB
Non Volatile Memory
Multiple RWW partitions
128 Page Line
SWT IAC
Instruction
32 ADD
32 DATA
Load / Store
32 ADD
32 DATA
S5
System Memory Protection Unit
Cross Bar Switch (XBAR) AMBA 2.0 v6 AHB – 32 bit
Periph. Bridge
AIPS_2
E2E ECC
Peripheral
Cluster 2
32 ADD
32 DATA
32 ADD
32 DATA
Periph. Bridge
AIPS_1
E2E ECC
Peripheral
Cluster 1
32 ADD
32 DATA
32 ADD
32 DATA
PRAMC_2
with E2E
ECC
32 ADD
32 DATA
SRAM
Array 2
96 KB
32 ADD
32 DATA
PFLASHC
Set-Associative
MiniCache
with E2E ECC
32 ADD
32 DATA
S4
S2
S0
M2
M0
M1
e200 z215n3 – 80 MHz
single issue
Main Core
Nexus3p
VLE
EFPU2
Core Memory Protection Unit
(CMPU)
BIU with E2E ECC
Decorated Storage Access
INTC
32 ADD
32 DATA
Instruction
32 ADD
32 DATA
Load / Store
32 ADD
32 DATA
32 ADD
32 DATA
S1
E2E ECC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com