Electronic Components Datasheet Search
  English  ▼

X  

SPC582BX Datasheet(PDF) 42 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 42 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 38Page - STMicroelectronics SPC582BX Datasheet HTML 39Page - STMicroelectronics SPC582BX Datasheet HTML 40Page - STMicroelectronics SPC582BX Datasheet HTML 41Page - STMicroelectronics SPC582BX Datasheet HTML 42Page - STMicroelectronics SPC582BX Datasheet HTML 43Page - STMicroelectronics SPC582BX Datasheet HTML 44Page - STMicroelectronics SPC582BX Datasheet HTML 45Page - STMicroelectronics SPC582BX Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 115 page
background image
Electrical characteristics
SPC582Bx
42/115
DS11597 Rev 4
4.11.2
RC oscillator 16 MHz
VHYS
CC
D
Comparator Hysteresis
TJ = –40 °C to 150 °C
0.1
1.0
V
IXTAL
CC
D
XTAL current(8),(9)
TJ = –40 °C to 150 °C
—
14
mA
1. The range is selectable by UTEST miscellaneous DCF client XOSC_FREQ_SEL.
2. The XTAL frequency, if used to feed the PPL0 (or PLL1), shall obey the minimum input frequency limit set for PLL0 (or
PLL1).
3. This value is determined by the crystal manufacturer and board design, and it can potentially be higher than the maximum
provided.
4. Proper PC board layout procedures must be followed to achieve specifications.
5. Crystal recovery time is the time for the oscillator to settle to the correct frequency after adjustment of the integrated load
capacitor value.
6. Applies to an external clock input and not to crystal mode.
7. See crystal manufacturer’s specification for recommended load capacitor (CL) values. The external oscillator requires
external load capacitors when operating from 8 MHz to 16 MHz. Account for on-chip stray capacitance (CS_EXTAL/CS_XTAL)
and PCB capacitance when selecting a load capacitor value. When operating at 20 MHz/40 MHz, the integrated load
capacitor value is selected via S/W to match the crystal manufacturer’s specification, while accounting for on-chip and PCB
capacitance.
8. Amplitude on the EXTAL pin after startup is determined by the ALC block, that is the Automatic Level Control Circuit. The
function of the ALC is to provide high drive current during oscillator startup, but reduce current after oscillation in order to
reduce power, distortion, and RFI, and to avoid over driving the crystal. The operating point of the ALC is dependent on the
crystal value and loading conditions.
9. IXTAL is the oscillator bias current out of the XTAL pin with both EXTAL and XTAL pins grounded. This is the maximum
current during startup of the oscillator.
Table 21. External 40 MHz oscillator electrical specifications (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
Table 22. Internal RC oscillator electrical specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fTarget
CC
D
IRC target frequency
—
—
16
—
MHz
δfvar_noT
CC
P
IRC frequency variation
without temperature
compensation
T < 150 °C
–5
—
5
%
δfvar_T
CC
T
IRC frequency variation
with temperature
compensation
T < 150 °C
–3
—
3
%
δfvar_SW
T
IRC software trimming
accuracy
Trimming
temperature
–0.5
+0.3
0.5
%
Tstart_noT
CC
T Startup time to reach within
fvar_noT
Factory
trimming
already
applied
——
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com