Electronic Components Datasheet Search
  English  ▼

X  

SPC582BX Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 1 Page - STMicroelectronics

  SPC582BX Datasheet HTML 1Page - STMicroelectronics SPC582BX Datasheet HTML 2Page - STMicroelectronics SPC582BX Datasheet HTML 3Page - STMicroelectronics SPC582BX Datasheet HTML 4Page - STMicroelectronics SPC582BX Datasheet HTML 5Page - STMicroelectronics SPC582BX Datasheet HTML 6Page - STMicroelectronics SPC582BX Datasheet HTML 7Page - STMicroelectronics SPC582BX Datasheet HTML 8Page - STMicroelectronics SPC582BX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 115 page
background image
This is information on a product in full production.
December 2020
DS11597 Rev 4
1/115
SPC582Bx
SPC58 2B Line - 32 bit Power Architecture automotive MCU
Single core 80Mhz, 1MByte Flash, ASIL-B
Datasheet
- production data
Features
• AEC-Q100 qualified
• High performance e200z2 single core
– 32-bit Power Architecture technology CPU
– Core frequency as high as 80 MHz
– Variable Length Encoding (VLE)
– Floating Point, End-to-End Error Correction
• 1088 KB (1024 KB code flash + 64 KB data
flash) on-chip flash memory: supports read
during program and erase operations, and
multiple blocks allowing EEPROM emulation
• 96 KB on-chip general-purpose SRAM
• Multi-channel direct memory access controller
(eDMA) with 16 channels
• 1 interrupt controller (INTC)
• Comprehensive new generation ASIL-B safety
concept
– ASIL-B of ISO 26262
– FCCU for collection and reaction to failure
notifications
– Memory Error Management Unit (MEMU)
for collection and reporting of error events
in memories
– Cyclic redundancy check (CRC) unit
– End-to-end Error Correction Code
(e2eECC) logic
• Crossbar switch architecture for concurrent
access to peripherals, Flash, or RAM from
multiple bus masters with end-to-end ECC
• Body cross triggering unit (BCTU)
– Triggers ADC conversions from any eMIOS
channel
– Triggers ADC conversions from up to 2
dedicated PIT_RTIs
– 1 event configuration register dedicated to
each timer event allows to define the
corresponding ADC channel
– Synchronization with ADC to avoid collision
• 1 enhanced 12-bit SAR analog-to-digital
converters
– Up to 27 channels
– enhanced diagnosis feature
• Communication interfaces
– 6 LINFlexD modules
– 4 deserial serial peripheral interface (DSPI)
modules
– 7 MCAN interfaces with advanced shared
memory scheme and ISO CAN FD support
• Dual phase-locked loops with stable clock
domain for peripherals and FM modulation
domain for computational shell
• Nexus Class 3 debug and trace interface
• Boot assist Flash (BAF) supports factory
programming using a serial bootload through
the asynchronous CAN or LIN/UART.
• Enhanced modular IO subsystem (eMIOS): up
to 32 timed I/O channels with 16-bit counter
resolution
• Advanced and flexible supply scheme
– On-chip voltage regulator for 1.2 V core
logic supply.
• Junction temperature range -40 °C to 150 °C
eTQFP100 (14 x 14 x 1.0 mm)
eTQFP64 (10 x 10 x 1.0 mm)
QFN48 (7 x7 x0.9 mm)
www.st.com


Similar Part No. - SPC582BX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC582B-DIS STMICROELECTRONICS-SPC582B-DIS Datasheet
110Kb / 4P
SPC582B-DIS Discovery board
08-Sep-2017
SPC582B50E1 STMICROELECTRONICS-SPC582B50E1 Datasheet
1Mb / 111P
SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
26-Feb-2024
SPC582B50E3 STMICROELECTRONICS-SPC582B50E3 Datasheet
1Mb / 111P
SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
26-Feb-2024
SPC582B54E1 STMICROELECTRONICS-SPC582B54E1 Datasheet
1Mb / 111P
SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
26-Feb-2024
SPC582B54E3 STMICROELECTRONICS-SPC582B54E3 Datasheet
1Mb / 111P
SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
26-Feb-2024
More results

Similar Description - SPC582BX

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SGP-TC-EVK STMICROELECTRONICS-SGP-TC-EVK Datasheet
898Kb / 6P
Evaluation Kit for SPC58 Gateway enhanced by Telemaco3P ASIL-B Processor
04-Mar-2020
SPC584CX STMICROELECTRONICS-SPC584CX Datasheet
2Mb / 153P
SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
May 2021
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC58EHX STMICROELECTRONICS-SPC58EHX_V01 Datasheet
2Mb / 147P
SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
07-Jun-2021
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com