Electronic Components Datasheet Search
  English  ▼

X  

SPC582BX Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 2Page - STMicroelectronics SPC582BX Datasheet HTML 3Page - STMicroelectronics SPC582BX Datasheet HTML 4Page - STMicroelectronics SPC582BX Datasheet HTML 5Page - STMicroelectronics SPC582BX Datasheet HTML 6Page - STMicroelectronics SPC582BX Datasheet HTML 7Page - STMicroelectronics SPC582BX Datasheet HTML 8Page - STMicroelectronics SPC582BX Datasheet HTML 9Page - STMicroelectronics SPC582BX Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 115 page
background image
Description
SPC582Bx
6/115
DS11597 Rev 4
2
Description
The SPC582Bx microcontroller is the entry member of a new family of devices superseding
the SPC560Bx family.
SPC582Bx is built on the legacy of the SPC5x products, while introducing new features to
answer the future requirements like the ASIL-B classification, high number of ISO CAN-FD
channels, and provide significant power and performance improvement (MIPS per mW).
2.1
Device feature summary
Table 2 lists a summary of major features for the SPC582Bx device. The feature column
represents a combination of module names and capabilities of certain modules. A detailed
description of the functionality provided by each on-chip module is given later in this
document.
Table 2. SPC582Bx device feature summary
Feature
Description
SPC58 family
40 nm
Number of Cores
1
Single Precision Floating Point
Yes
SIMD
No
VLE
Yes
MPU
Yes
CRC Channels
2 x 4
Software Watchdog Timer (SWT)
1
Core Nexus Class
3+
Event Processor
4 x SCU
4 x PMC
Run control Module
Yes
System SRAM
96 KB (including 64 KB of standby RAM)
Flash
1088 KB (1024 code flash + 64 KB data flash)
Flash fetch accelerator
2 x 4 x 256-bit
DMA channels
16
DMA Nexus Class
3
LINFlexD
6
MCAN (ISO CAN-FD)
7
DSPI
4
I2C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com