Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 26Page - Texas Instruments CC1352P Datasheet HTML 27Page - Texas Instruments CC1352P Datasheet HTML 28Page - Texas Instruments CC1352P Datasheet HTML 29Page - Texas Instruments CC1352P Datasheet HTML 30Page - Texas Instruments CC1352P Datasheet HTML 31Page - Texas Instruments CC1352P Datasheet HTML 32Page - Texas Instruments CC1352P Datasheet HTML 33Page - Texas Instruments CC1352P Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
8.15.5.1 GPIO DC Characteristics (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
TA = 25 °C, VDDS = 3.8 V
GPIO pullup current
Input mode, pullup enabled, Vpad = 0 V
282
µA
GPIO pulldown current
Input mode, pulldown enabled, Vpad = VDDS
110
µA
GPIO low-to-high input transition, with hysteresis
IH = 1, transition voltage for input read as 0 → 1
1.97
V
GPIO high-to-low input transition, with hysteresis
IH = 1, transition voltage for input read as 1 → 0
1.55
V
GPIO input hysteresis
IH = 1, difference between 0 → 1
and 1 → 0 points
0.42
V
TA = 25 °C
VIH
Lowest GPIO input voltage reliably interpreted as a
High
0.8*VDDS
V
VIL
Highest GPIO input voltage reliably interpreted as a
Low
0.2*VDDS
V
CC2651P3
SWRS257 – MARCH 2022
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com