Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 44 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 40Page - Texas Instruments CC1352P Datasheet HTML 41Page - Texas Instruments CC1352P Datasheet HTML 42Page - Texas Instruments CC1352P Datasheet HTML 43Page - Texas Instruments CC1352P Datasheet HTML 44Page - Texas Instruments CC1352P Datasheet HTML 45Page - Texas Instruments CC1352P Datasheet HTML 46Page - Texas Instruments CC1352P Datasheet HTML 47Page - Texas Instruments CC1352P Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
9.7 Serial Peripherals and I/O
The SSI is a synchronous serial interface that is compatible with SPI, MICROWIRE, and TI's synchronous serial
interfaces. The SSI support both SPI master and slave up to 4 MHz. The SSI module support configurable phase
and polarity.
The UART implement universal asynchronous receiver and transmitter functions. It support flexible baud-rate
generation up to a maximum of 3 Mbps.
The I2S interface is used to handle digital audio and can also be used to interface pulse-density modulation
microphones (PDM).
The I2C interface is also used to communicate with devices compatible with the I2C standard. The I2C interface
can handle 100 kHz and 400 kHz operation, and can serve as both master and slave.
The I/O controller (IOC) controls the digital I/O pins and contains multiplexer circuitry to allow a set of peripherals
to be assigned to I/O pins in a flexible manner. All digital I/Os are interrupt and wake-up capable, have a
programmable pullup and pulldown function, and can generate an interrupt on a negative or positive edge
(configurable). When configured as an output, pins can function as either push-pull or open-drain. Five GPIOs
have high-drive capabilities, which are marked in bold in Section 7. All digital peripherals can be connected to
any digital pin on the device.
For more information, see the CC13x1x3, CC26x1x3 SimpleLink™ Wireless MCU Technical Reference Manual.
9.8 Battery and Temperature Monitor
A combined temperature and battery voltage monitor is available in the CC2651P3 device. The battery and
temperature monitor allows an application to continuously monitor on-chip temperature and supply voltage
and respond to changes in environmental conditions as needed. The module contains window comparators to
interrupt the system CPU when temperature or supply voltage go outside defined windows. These events can
also be used to wake up the device from Standby mode through the Always-On (AON) event fabric.
9.9 µDMA
The device includes a direct memory access (µDMA) controller. The µDMA controller provides a way to offload
data-transfer tasks from the system CPU, thus allowing for more efficient use of the processor and the available
bus bandwidth. The µDMA controller can perform a transfer between memory and peripherals. The µDMA
controller has dedicated channels for each supported on-chip module and can be programmed to automatically
perform transfers between peripherals and memory when the peripheral is ready to transfer more data.
Some features of the µDMA controller include the following (this is not an exhaustive list):
• Highly flexible and configurable channel operation of up to 32 channels
• Transfer modes: memory-to-memory, memory-to-peripheral, peripheral-to-memory, and
peripheral-to-peripheral
• Data sizes of 8, 16, and 32 bits
• Ping-pong mode for continuous streaming of data
9.10 Debug
The on-chip debug support is done through a dedicated cJTAG (IEEE 1149.7) or JTAG (IEEE 1149.1) interface.
The device boots by default into cJTAG mode and must be reconfigured to use 4-pin JTAG.
CC2651P3
SWRS257 – MARCH 2022
www.ti.com
44
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com