Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 30Page - Texas Instruments CC1352P Datasheet HTML 31Page - Texas Instruments CC1352P Datasheet HTML 32Page - Texas Instruments CC1352P Datasheet HTML 33Page - Texas Instruments CC1352P Datasheet HTML 34Page - Texas Instruments CC1352P Datasheet HTML 35Page - Texas Instruments CC1352P Datasheet HTML 36Page - Texas Instruments CC1352P Datasheet HTML 37Page - Texas Instruments CC1352P Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
8.16.4 RX Performance
Frequency [GHz]
Sensitivity vs. Frequency
BLE 1 Mbps, 2.44 GHz
2.4
2.408
2.416
2.424
2.432
2.44
2.448
2.456
2.464
2.472
2.48
-102
-101
-100
-99
-98
-97
-96
-95
-94
-93
-92
D028
Figure 8-14. Sensitivity vs. Frequency (BLE 1
Mbps, 2.44 GHz)
Frequency [GHz]
Sensitivity vs. Frequency
IEEE 802.15.4 (OQPSK DSSS1:8, 250 kbps)
2.4
2.408
2.416
2.424
2.432
2.44
2.448
2.456
2.464
2.472
2.48
-105
-104
-103
-102
-101
-100
-99
-98
-97
-96
-95
D029
Figure 8-15. Sensitivity vs. Frequency (250 kbps,
2.44 GHz)
Temperature [°C]
Sensitivity vs. Temperature
BLE 1 Mbps, 2.44 GHz
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
-102
-101
-100
-99
-98
-97
-96
-95
-94
-93
-92
D031
Figure 8-16. Sensitivity vs. Temperature (BLE 1
Mbps, 2.44 GHz)
Temperature [°C]
Sensitivity vs. Temperature
IEEE 802.15.4 (OQPSK DSSS1:8, 250 kbps), 2.44 GHz
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
-105
-104
-103
-102
-101
-100
-99
-98
-97
-96
-95
D032
Figure 8-17. Sensitivity vs. Temperature (250 kbps,
2.44 GHz)
Voltage [V]
Sensitivity vs. VDDS
BLE 1 Mbps, 2.44 GHz
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
-102
-101
-100
-99
-98
-97
-96
-95
-94
-93
-92
D034
Figure 8-18. Sensitivity vs. Supply Voltage (VDDS)
(BLE 1 Mbps, 2.44 GHz)
Voltage [V]
Sensitivity vs. VDDS
BLE 1 Mbps, 2.44 GHz, DCDC Off
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
-102
-101
-100
-99
-98
-97
-96
-95
-94
-93
-92
D035
Figure 8-19. Sensitivity vs. Supply Voltage (VDDS)
(BLE 1 Mbps, 2.44 GHz, DCDC Off)
CC2651P3
SWRS257 – MARCH 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com