Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments CC1352P Datasheet HTML 12Page - Texas Instruments CC1352P Datasheet HTML 13Page - Texas Instruments CC1352P Datasheet HTML 14Page - Texas Instruments CC1352P Datasheet HTML 15Page - Texas Instruments CC1352P Datasheet HTML 16Page - Texas Instruments CC1352P Datasheet HTML 17Page - Texas Instruments CC1352P Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
8.6 Power Consumption - Radio Modes
When measured on the CC26x1-P3EM-XD24-PA24 reference design with Tc = 25 °C, VDDS = 3.0 V with DC/DC enabled
unless otherwise noted.
High-power PA connected to VDDS unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Radio receive current
2440 MHz
6.4
mA
Radio transmit current
2.4 GHz PA (Bluetooth Low Energy)
0 dBm output power setting
2440 MHz
7.1
mA
+5 dBm output power setting
2440 MHz
9.5
mA
Radio transmit current
High-power PA
+20 dBm output power setting(1)
2440 MHz. VDDS = 3.3 V
101
mA
Radio transmit current
High-power PA, 10 dBm
configuration(2)
+10 dBm output power setting
2440 MHz VDDR = 1.67 V
22
mA
(1)
+20 dBm is only available on the RGZ (7x7) package
(2)
Measured on evaluation board as described in https://www.ti.com/lit/pdf/swra636.
8.7 Nonvolatile (Flash) Memory Characteristics
Over operating free-air temperature range and VDDS = 3.0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Flash sector size
8
KB
Supported flash erase cycles before failure, full bank(1) (5)
30
k Cycles
Supported flash erase cycles before failure, single sector(2)
60
k Cycles
Maximum number of write operations per row before sector
erase(3)
83
Write
Operations
Flash retention
105 °C
11.4
Years
Flash sector erase current
Average delta current
9.7
mA
Flash sector erase time(4)
Zero cycles
10
ms
30k cycles
4000
ms
Flash write current
Average delta current, 4 bytes at a time
5.3
mA
Flash write time(4)
4 bytes at a time
21.6
µs
(1)
A full bank erase is counted as a single erase cycle on each sector.
(2)
Up to 4 customer-designated sectors can be individually erased an additional 30k times beyond the baseline bank limitation of 30k
cycles
(3)
Each wordline is 2048 bits (or 256 bytes) wide. This limitation corresponds to sequential memory writes of 4 (3.1) bytes minimum
per write over a whole wordline. If additional writes to the same wordline are required, a sector erase is required once the maximum
number of write operations per row is reached.
(4)
This number is dependent on Flash aging and increases over time and erase cycles
(5)
Aborting flash during erase or program modes is not a safe operation.
8.8 Thermal Resistance Characteristics
THERMAL METRIC(1)
PACKAGE
UNIT
RGZ
(VQFN)
RKP
(VQFN)
48 PINS
40 PINS
RθJA
Junction-to-ambient thermal resistance
25.0
30.9
°C/W(2)
RθJC(top)
Junction-to-case (top) thermal resistance
14.5
20.2
°C/W(2)
RθJB
Junction-to-board thermal resistance
8.7
10.3
°C/W(2)
ψJT
Junction-to-top characterization parameter
0.2
0.2
°C/W(2)
ψJB
Junction-to-board characterization parameter
8.6
10.3
°C/W(2)
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.1
2.1
°C/W(2)
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
(2)
°C/W = degrees Celsius per watt.
CC2651P3
SWRS257 – MARCH 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com