Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments CC1352P Datasheet HTML 12Page - Texas Instruments CC1352P Datasheet HTML 13Page - Texas Instruments CC1352P Datasheet HTML 14Page - Texas Instruments CC1352P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
7.5 Connections for Unused Pins and Modules
Table 7-3. Connections for Unused Pins – RGZ Package
FUNCTION
SIGNAL NAME
PIN NUMBER
ACCEPTABLE PRACTICE(1)
PREFERRED
PRACTICE(1)
GPIO
DIO_n
10–12
14–21
26–32
36–43
NC or GND
NC
32.768-kHz crystal
X32K_Q1
8
NC or GND
NC
X32K_Q2
9
No Connects
NC
3–4
NC
NC
DC/DC converter(2)
DCDC_SW
33
NC
NC
VDDS_DCDC
34
VDDS
VDDS
(1)
NC = No connect
(2)
When the DC/DC converter is not used, the inductor between DCDC_SW and VDDR can be removed. VDDR and VDDR_RF must still
be connected and the 22 uF DCDC capacitor must be kept on the VDDR net.
Table 7-4. Connection for Unused Pins and Modules – RKP Package
FUNCTION
SIGNAL NAME
PIN NUMBER
ACCEPTABLE
PRACTICE
PREFERRED PRACTICE
GPIO
DIO_n
10-12
14-15
20-24
28-35
NC or GND
NC
32.768-kHz crystal
X32K_Q1
3
NC or GND
NC
X32K_Q2
4
No Connects
NC
3–4
NC
NC
DC/DC converter
DCDC_SW
25
NC
NC
VDDS_DCDC
26
VDDS
VDDS
www.ti.com
CC2651P3
SWRS257 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com