Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 18Page - Texas Instruments CC1352P Datasheet HTML 19Page - Texas Instruments CC1352P Datasheet HTML 20Page - Texas Instruments CC1352P Datasheet HTML 21Page - Texas Instruments CC1352P Datasheet HTML 22Page - Texas Instruments CC1352P Datasheet HTML 23Page - Texas Instruments CC1352P Datasheet HTML 24Page - Texas Instruments CC1352P Datasheet HTML 25Page - Texas Instruments CC1352P Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
(2)
To ensure margins for passing FCC band edge requirements at 2483.5 MHz, a lower than maximum output-power setting or less than
100% duty cycle may be used when operating at the upper 802.15.4 channel(s).
(3)
To ensure margins for passing FCC requirements for harmonic emission, duty cycling may be required. The CC2651P3 LaunchPad
reference design should also be reviewed as the filter provides higher attenuation of harmonics compared to the CC26x1-
P3EM-7XD24-PA24 reference design.
(4)
Measured on evaluation board as described in https://www.ti.com/lit/pdf/swra636.
8.14 Timing and Switching Characteristics
8.14.1 Reset Timing
PARAMETER
MIN
TYP
MAX
UNIT
RESET_N low duration
1
µs
8.14.2 Wakeup Timing
Measured over operating free-air temperature with VDDS = 3.0 V (unless otherwise noted). The times listed here do not
include software overhead.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MCU, Reset to Active(1)
850 - 4000
µs
MCU, Shutdown to Active(1)
850 - 4000
µs
MCU, Standby to Active
160
µs
MCU, Active to Standby
36
µs
MCU, Idle to Active
14
µs
(1)
The wakeup time is dependent on remaining charge on VDDR capacitor when starting the device, and thus how long the device has
been in Reset or Shutdown before starting up again. The wake up time increases with a higher capacitor value.
8.14.3 Clock Specifications
8.14.3.1 48 MHz Crystal Oscillator (XOSC_HF)
Measured on a Texas Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.(1)
PARAMETER
MIN
TYP
MAX
UNIT
Crystal frequency
48
MHz
ESR
Equivalent series resistance
6 pF < CL ≤ 9 pF
20
60
Ω
ESR
Equivalent series resistance
5 pF < CL ≤ 6 pF
80
Ω
LM
Motional inductance, relates to the load capacitance that is used for the crystal (CL
in Farads)(5)
< 3 × 10–25 / CL 2
H
CL
Crystal load capacitance(4)
5
7(3)
9
pF
Start-up time(2)
200
µs
(1)
Probing or otherwise stopping the crystal while the DC/DC converter is enabled may cause permanent damage to the device.
(2)
Start-up time using the TI-provided power driver. Start-up time may increase if driver is not used.
(3)
On-chip default connected capacitance including reference design parasitic capacitance. Connected internal capacitance is changed
through software in the Customer Configuration section (CCFG).
(4)
Adjustable load capacitance is integrated into the device. External load capacitors are required for systems targeting compliance with
certain regulations. See the device errata for further details.
(5)
The crystal manufacturer's specification must satisfy this requirement for proper operation.
8.14.3.2 48 MHz RC Oscillator (RCOSC_HF)
Measured on a Texas Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Frequency
48
MHz
Uncalibrated frequency accuracy
±1
%
Calibrated frequency accuracy(1)
±0.25
%
Start-up time
5
µs
(1)
Accuracy relative to the calibration source (XOSC_HF)
CC2651P3
SWRS257 – MARCH 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com