Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 35Page - Texas Instruments CC1352P Datasheet HTML 36Page - Texas Instruments CC1352P Datasheet HTML 37Page - Texas Instruments CC1352P Datasheet HTML 38Page - Texas Instruments CC1352P Datasheet HTML 39Page - Texas Instruments CC1352P Datasheet HTML 40Page - Texas Instruments CC1352P Datasheet HTML 41Page - Texas Instruments CC1352P Datasheet HTML 42Page - Texas Instruments CC1352P Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
9 Detailed Description
9.1 Overview
Section 4 shows the core modules of the CC2651P3 device.
9.2 System CPU
The CC2651P3 SimpleLink™ Wireless MCU contains an Arm® Cortex®-M4 system CPU, which runs the
application and the higher layers of radio protocol stacks.
The system CPU is the foundation of a high-performance, low-cost platform that meets the system requirements
of minimal memory implementation, and low-power consumption, while delivering outstanding computational
performance and exceptional system response to interrupts.
Its features include the following:
• ARMv7-M architecture optimized for small-footprint embedded applications
• Arm Thumb®-2 mixed 16- and 32-bit instruction set delivers the high performance expected of a 32-bit Arm
core in a compact memory size
• Fast code execution permits increased sleep mode time
• Deterministic, high-performance interrupt handling for time-critical applications
• Single-cycle multiply instruction and hardware divide
• Hardware division and fast digital-signal-processing oriented multiply accumulate
• Saturating arithmetic for signal processing
• Full debug with data matching for watchpoint generation
– Data Watchpoint and Trace Unit (DWT)
– JTAG Debug Access Port (DAP)
– Flash Patch and Breakpoint Unit (FPB)
• Trace support reduces the number of pins required for debugging and tracing
– Instrumentation Trace Macrocell Unit (ITM)
– Trace Port Interface Unit (TPIU) with asynchronous serial wire output (SWO)
• Optimized for single-cycle flash memory access
• Tightly connected to 8-KB 4-way random replacement cache for minimal active power consumption and wait
states
• Ultra-low-power consumption with integrated sleep modes
• 48 MHz operation
• 1.25 DMIPS per MHz
www.ti.com
CC2651P3
SWRS257 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com