Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 6Page - Texas Instruments CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments CC1352P Datasheet HTML 12Page - Texas Instruments CC1352P Datasheet HTML 13Page - Texas Instruments CC1352P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
Table 7-2. Signal Descriptions – RKP Package (continued)
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
DIO_8
14
I/O
Digital
GPIO
DIO_9
15
I/O
Digital
GPIO
DIO_10
20
I/O
Digital
GPIO, JTAG_TDO, high-drive capability
DIO_11
21
I/O
Digital
GPIO, JTAG_TDI, high-drive capability
DIO_12
22
I/O
Digital
GPIO
DIO_13
23
I/O
Digital
GPIO
DIO_14
24
I/O
Digital
GPIO
DIO_15
28
I/O
Digital
GPIO, analog capability
DIO_16
29
I/O
Digital
GPIO, analog capability
DIO_17
30
I/O
Digital
GPIO, analog capability
DIO_18
31
I/O
Digital
GPIO, analog capability
DIO_19
32
I/O
Digital
GPIO, analog capability
DIO_20
33
I/O
Digital
GPIO, analog capability
DIO_21
34
I/O
Digital
GPIO, analog capability
DIO_22
35
I/O
Digital
GPIO, analog capability
EGP
—
—
GND
Ground – exposed ground pad(3)
JTAG_TSMC
18
I/O
Digital
JTAG TMSC, high-drive capability
JTAG_TCKC
19
I
Digital
JTAG TCKC
RESET_N
27
I
Digital
Reset, active low. No internal pullup resistor
RF_P
1
—
RF
Positive RF input signal to LNA during RX
Positive RF output signal from PA during TX
RF_N
2
—
RF
Negative RF input signal to LNA during RX
Negative RF output signal from PA during TX
RX_TX
7
—
RF
Optional bias pin for the RF LNA
TX_20DBM_P
5
—
RF
Positive high-power TX signal
TX_20DBM_N
6
—
RF
Negative high-power TX signal
VDDR
37
—
Power
Internal supply, must be powered from the internal DC/DC
converter or the internal LDO(2) (4) (6)
VDDR_RF
40
—
Power
Internal supply, must be powered from the internal DC/DC
converter or the internal LDO(2) (5) (6)
VDDS
36
—
Power
1.8-V to 3.8-V main chip supply(1)
VDDS2
13
—
Power
1.8-V to 3.8-V DIO supply(1)
VDDS3
16
—
Power
1.8-V to 3.8-V DIO supply(1)
VDDS_DCDC
26
—
Power
1.8-V to 3.8-V DC/DC converter supply
X48M_N
38
—
Analog
48-MHz crystal oscillator pin 1
X48M_P
39
—
Analog
48-MHz crystal oscillator pin 2
X32K_Q1
8
—
Analog
32-kHz crystal oscillator pin 1
X32K_Q2
9
—
Analog
32-kHz crystal oscillator pin 2
(1)
For more details, see the device technical reference manual listed in Section 11.3.
(2)
Do not supply external circuitry from this pin.
(3)
EGP is the only ground connection for the device. Good electrical connection to device ground on printed circuit board (PCB) is
imperative for proper device operation.
(4)
If internal DC/DC converter is not used, this pin is supplied internally from the main LDO.
(5)
If internal DC/DC converter is not used, this pin must be connected to VDDR for supply from the main LDO.
(6)
Output from internal DC/DC and LDO is trimmed to 1.68 V.
CC2651P3
SWRS257 – MARCH 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com