Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1352P Datasheet(HTML) 60 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 55Page - Texas Instruments CC1352P Datasheet HTML 56Page - Texas Instruments CC1352P Datasheet HTML 57Page - Texas Instruments CC1352P Datasheet HTML 58Page - Texas Instruments CC1352P Datasheet HTML 59Page - Texas Instruments CC1352P Datasheet HTML 60Page - Texas Instruments CC1352P Datasheet HTML 61Page - Texas Instruments CC1352P Datasheet HTML 62Page - Texas Instruments CC1352P Datasheet HTML 63Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 60 / 63 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4219044/D 02/2022
www.ti.com
VQFN - 1 mm max height
PLASTIC QUADFLAT PACK- NO LEAD
RGZ0048A
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
PIN 1 INDEX AREA
7.1
6.9
7.1
6.9
1 MAX
0.05
0.00
SEATING PLANE
C
5.15±0.1
2X 5.5
2X
5.5
44X 0.5
48X 0.5
0.3
48X 0.30
0.18
PIN1 ID
(OPTIONAL)
(0.2) TYP
1
12
13
24
25
36
37
48
(0.1) TYP
SIDE WALL DETAIL
OPTIONAL METAL THICKNESS
SEE SIDE WALL
DETAIL
CHAMFERED LEAD
CORNER LEAD OPTION
(0.45) TYP
SEE LEAD OPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com