Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 30 Page - Analog Devices

Part # AD3552R
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 30 Page - Analog Devices

Back Button AD3552R Datasheet HTML 26Page - Analog Devices AD3552R Datasheet HTML 27Page - Analog Devices AD3552R Datasheet HTML 28Page - Analog Devices AD3552R Datasheet HTML 29Page - Analog Devices AD3552R Datasheet HTML 30Page - Analog Devices AD3552R Datasheet HTML 31Page - Analog Devices AD3552R Datasheet HTML 32Page - Analog Devices AD3552R Datasheet HTML 33Page - Analog Devices AD3552R Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
Data Sheet
AD3552R
THEORY OF OPERATION
analog.com
Rev. A | 30 of 68
CRC Error Detection
The AD3552R features an optional CRC to provide error detection
for SPI transactions between the digital host (master) and the
AD3552R (slave).
CRC error detection allows SPI masters and slaves to detect
bit transfer errors with significant reliability. The CRC algorithm
involves using a seed value and polynomial division to generate
a CRC code. The master and slave both calculate the CRC code
independently and compare it to determine the validity of the
transferred data.
The AD3552R uses the CRC-8 standard with the following polyno-
mial:
x8+x2+x+1(Equation1)
CRC error detection is enabled with the CRC_EN and CRC_EN_B
bits in the INTERFACE_CONFIG_C register. The value of CRC_EN
is only updated if CRC_EN_B is set to the CRC_EN inverted value
in the same register write instruction. Therefore, to enable the CRC,
CRC_EN must be set to 0b01 while CRC_EN_B is set to 0b10 in
the same write transaction.
To disable the CRC, CRC_ENABLE must be set to 0b00 while
CRC_ENABLE_B is set to 0b11 in the same write transaction.
Writing inverted values to two separate fields reduces the chances
of CRC being enabled by mistake. CS must be brought high at the
end of the enable or disable write. The transaction following the
enabling of the CRC must already include the CRC byte, regardless
if it is a write or read operation. A register write transaction that
disables CRC must still include the CRC code at the end, but the
transaction following the disabling of the CRC does not have to
include the CRC byte.
Figure 76 and Figure 77 show how a CRC code is appended at the
end of a write or read transaction, respectively, in single SPI mode
(classic mode). For register writes, the digital host must generate
the CRC by performing the calculation described in Equation 1 on
the seed, the address, and the data. The AD3552R performs the
same calculation and shifts out the CRC code on SDO at the same
time as the host. The transaction is free of error if both CRC codes
match. For register reads, the host calculates the CRC on the seed,
the address, and a zero padding while the AD3552R calculates the
CRC on the seed, the address, and the readout data. Both nodes
then shift out the CRC code at the same time so that it can be
checked on both sides.
Figure 76. Basic SPI Write Frame with CRC
Figure 77. Basic SPI Read Frame with CRC
When accessing multibyte registers with CRC error detection ena-
bled, the CRC code is placed after all of the bytes of register data.
When CRC error detection is enabled, the AD3552R does not up-
date its register contents in response to a register write transaction
unless it receives a valid CRC code at the end of the register data.
If the CRC code is invalid, or if the digital host fails to transmit the
CRC code, the AD3552R does not update its register contents, and
the INVALID_OR_NO_CRC flag in the INTERFACE_STATUS_A
register is set. The INVALID_OR_NO_CRC flag is cleared when 1
is written to this bit, and the correct CRC is required for the write to
clear the bit to take effect.
Table 11 shows the seed value used in the CRC code calculation
and how it is calculated for both single instruction mode and
streaming mode.
Table 11. CRC Seed Values and Extent of CRC Calculation
SPI Transaction Type
Pin
Single Instruction Mode
Streaming Mode, First Data Phase
Streaming Mode, Subsequent Data Phases
Read
SDI
0xA5, instruction phase, padding
0xA5, instruction phase, padding
No CRC sent
SDO
0xA5, instruction phase, read data
0xA5, instruction phase, read data
Least significant byte of address, read data
Write
SDI
0xA5, instruction phase, write data
0xA5, instruction phase, write data
Least significant byte of address, write data
SDO
0xA5, instruction phase, write data
0xA5, instruction phase, write data
Least significant byte of address, write data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com