Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 34 Page - Analog Devices

Part # AD3552R
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 34 Page - Analog Devices

Back Button AD3552R Datasheet HTML 30Page - Analog Devices AD3552R Datasheet HTML 31Page - Analog Devices AD3552R Datasheet HTML 32Page - Analog Devices AD3552R Datasheet HTML 33Page - Analog Devices AD3552R Datasheet HTML 34Page - Analog Devices AD3552R Datasheet HTML 35Page - Analog Devices AD3552R Datasheet HTML 36Page - Analog Devices AD3552R Datasheet HTML 37Page - Analog Devices AD3552R Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
Data Sheet
AD3552R
THEORY OF OPERATION
analog.com
Rev. A | 34 of 68
Quad SPI Mode
In quad SPI mode, the SDI/SDIO0, SDO/SDIO1, SDIO2, and
SDIO3 data lines are bidirectional, as shown in Figure 84. During
the data phase, the R/W bit of the instruction phase defines the di-
rection of the data lines. During the instruction phase, the data lines
are always configured as inputs. In quad SPI mode, consecutive
bits are serialized in groups of four, as shown in Figure 85.
Figure 84. Quad SPI Connection
Figure 85. Quad SPI Mode
Double Data Rate (DDR)
Irrespective of the SPI mode being used, DDR can be enabled by
setting the SPI_CONFIG_DDR bit in the INTERFACE_CONFIG_D
register, which allows sampling data during the data phase on both
clock edges, as shown in Figure 86. After this mode is enabled, all
data must be written using DDR.
DDR is only usable in the data phase during write operations. In
readback operations, the SPI_CONFIG_DDR bit is ignored, and
data is transferred from the AD3552R to the controller in single data
rate, as shown in Figure 2, Figure 6, and Figure 10.
After changing the SPI mode or the SPI_CONFIG_DDR bit, CS
must be brought high and a new access cycle must be started in
the appropriate mode.
All valid SPI mode combinations are listed in Table 12.
Figure 86. Quad SPI Mode DDR on a 24-Bit Register
Table 12. SPI Mode Combinations
SPI Mode
MULTI_IO_MODE
DUAL_SPI_SYNCHRONOUS_EN
SPI_CONFIG_DDR
Single SPI SDR
00
0
0
Single SPI DDR
00
0
1
Dual SPI SDR
01
0
0
Dual SPI DDR
01
0
1
Synchronous Dual SPI SDR
01
1
0
Synchronous Dual SPI DDR
01
1
1
Quad SPI SDR1
Not applicable
0
0
Quad SPI DDR1
Not applicable
0
1
1 Enabled by the QSPI pin only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com