Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 67 Page - Analog Devices

Part # AD3552R
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 67 Page - Analog Devices

Back Button AD3552R Datasheet HTML 60Page - Analog Devices AD3552R Datasheet HTML 61Page - Analog Devices AD3552R Datasheet HTML 62Page - Analog Devices AD3552R Datasheet HTML 63Page - Analog Devices AD3552R Datasheet HTML 64Page - Analog Devices AD3552R Datasheet HTML 65Page - Analog Devices AD3552R Datasheet HTML 66Page - Analog Devices AD3552R Datasheet HTML 67Page - Analog Devices AD3552R Datasheet HTML 68Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
Data Sheet
AD3552R
APPLICATIONS INFORMATION
analog.com
Rev. A | 67 of 68
Figure 94. EVAL-AD3552R Component Arrangement and Layout
The following list is a few recommendations to observe to obtain the
best performance:
►
Keep IOUT lines as short and thin as possible. This signal is
responsible for the slewing of the amplifier to the final value.
Therefore, the parasitic capacitance on this line increases the
settling time. Use a feedback capacitor with a small footprint to
minimize parasitic capacitance to the ground plane.
►
Keep the IOUT line away from repetitive signals, such as clocks
and analog signals with high voltage excursion, because this is
a high impedance line that can easily pick up electromagnetic
interference.
►
Connect the exposed pad of the AD3552R to the ground plane
with several vias to minimize thermal drift. Note that the chip can
dissipate up to 250 mW.
►
Do not overlap analog and digital signals. If a crossing cannot be
avoided, it must be done at 45° or 90°.
►
Route digital lines using traces with a constant characteristic
impedance to avoid signal integrity problems that result in timing
violations in DDR mode and crosstalk between signals. The
traces must have a continuous ground plane underneath. When
changing layers, ensure that the destination layer is referred to
another ground plane and the traces have the same characteris-
tic impedance. Place a via connecting both ground planes near
the via of the digital line. If the destination layer is referred to
a power plane, it must be continuous along the path of the line
and a decoupling capacitor between power and ground must be
placed close to the via of the digital line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com