Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 14 Page - Analog Devices

Part # AD3552R
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 14 Page - Analog Devices

Back Button AD3552R Datasheet HTML 10Page - Analog Devices AD3552R Datasheet HTML 11Page - Analog Devices AD3552R Datasheet HTML 12Page - Analog Devices AD3552R Datasheet HTML 13Page - Analog Devices AD3552R Datasheet HTML 14Page - Analog Devices AD3552R Datasheet HTML 15Page - Analog Devices AD3552R Datasheet HTML 16Page - Analog Devices AD3552R Datasheet HTML 17Page - Analog Devices AD3552R Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
Data Sheet
AD3552R
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 14 of 68
Figure 20. INL vs. Code, 0 V to 5 V Range, 85°C, Fast Mode and Precision
Mode
Figure 21. INL vs. Code, 0 V to 5 V Range, 105°C, Fast Mode and Precision
Mode
Figure 22. DNL vs. Range, Fast Mode and Precision Mode
Figure 23. INL vs. Range, Fast Mode and Precision Mode
Figure 24. INL vs. Code, Reference Voltage
Figure 25. DNL vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com