Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 27 Page - Analog Devices

Part # AD3552R
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 27 Page - Analog Devices

Back Button AD3552R Datasheet HTML 23Page - Analog Devices AD3552R Datasheet HTML 24Page - Analog Devices AD3552R Datasheet HTML 25Page - Analog Devices AD3552R Datasheet HTML 26Page - Analog Devices AD3552R Datasheet HTML 27Page - Analog Devices AD3552R Datasheet HTML 28Page - Analog Devices AD3552R Datasheet HTML 29Page - Analog Devices AD3552R Datasheet HTML 30Page - Analog Devices AD3552R Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
Data Sheet
AD3552R
THEORY OF OPERATION
analog.com
Rev. A | 27 of 68
a multibyte register is attempted on a per byte basis, the PARTI-
AL_REGISTER_ACCESS bit in the INTERFACE_ STATUS_A reg-
ister is set. For example, the VENDOR_ID register is 2 bytes long,
and the addresses of its least significant byte and most significant
byte are 0x0C and 0x0D, respectively. Figure 70 and Figure 71
show write and read transactions to a multibyte register (2 bytes)
for address ascending and descending mode, respectively. See the
Address Direction section for more information on selecting address
descending (auto-decrementing) or ascending (auto-incrementing).
Address Direction
The address direction option is used to control whether the register
address is set to automatically increment (address ascending) or
decrement (address descending) when transferring multiple bytes
of data in a single data phase (for example, when accessing
multibyte registers, as shown in Figure 70 and Figure 71, or when
accessing multiple registers with streaming mode, as shown in
Figure 73).
Address direction is selected with the ADDR_ASCENSION bit in
the INTERFACE_CONFIG_A register. If ADDR_ASCENSION is
set to 0, the address decrements after each byte is accessed. If
ADDR_ASCENSION is set to 1, the address increments after each
byte is accessed.
When accessing multibyte registers, use descending addresses to
shift in the most significant byte first.
Multibyte registers from Address 0x29 onwards can only be ac-
cessed in descending mode.
Single Instruction Mode
When the SINGLE_INSTRUCTION bit in the INTERFACE_CON-
FIG_B register is set to 1, streaming mode is disabled, and single
instruction mode is enabled. In single instruction mode, the data
phase only contains data for a single register, and each data phase
must be followed by a new instruction phase, even if CS remains
low. Single instruction mode allows the digital host to quickly read
from and write to registers with nonadjacent addresses in a single
SPI frame, whereas streaming mode only allows either reading or
writing to contiguous registers without pulsing CS high to initiate a
new instruction phase.
Figure 72 shows an example of an SPI transaction in single instruc-
tion mode with the following register accesses:
►
Sets the output range.
►
Enables the output stage.
►
Reads the CHIP_TYPE register.
Figure 72. Single Instruction Mode Register Access Example with Address Descending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com