Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 56 Page - Analog Devices

Part # AD3552R
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 56 Page - Analog Devices

Back Button AD3552R Datasheet HTML 52Page - Analog Devices AD3552R Datasheet HTML 53Page - Analog Devices AD3552R Datasheet HTML 54Page - Analog Devices AD3552R Datasheet HTML 55Page - Analog Devices AD3552R Datasheet HTML 56Page - Analog Devices AD3552R Datasheet HTML 57Page - Analog Devices AD3552R Datasheet HTML 58Page - Analog Devices AD3552R Datasheet HTML 59Page - Analog Devices AD3552R Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
Data Sheet
AD3552R
REGISTERS
analog.com
Rev. A | 56 of 68
Channel 0 Gain Register
Address: 0x1C, Reset: 0x00, Name: CH0_GAIN
This register enables the configuration of custom span modes, configures the scaling of the PMOS DAC and NMOS DAC current sources, and
controls the polarity of the offset value.
Table 40. Bit Descriptions for CH0_GAIN
Bits
Bit Name
Settings
Description
Reset
Access
7
CH0_RANGE_OVERRIDE
Channel 0 Range Override. This bit allows the user to override the
preconfigured range settings and manually set offset and gain.
0x0
R/W
0 Use preconfigured range settings.
1 Use custom range settings.
[6:5]
CH0_GAIN_SCALING_N
Channel 0 NMOS DAC Gain Scaling. This field controls the multiplying
factor for the codes applied to the NMOS DAC current sources.
0x0
R/W
00 Gain scaling 1.
01 Gain scaling 0.5.
10 Gain scaling 0.25.
11 Gain scaling 0.125.
[4:3]
CH0_GAIN_SCALING_P
Channel 0 PMOS DAC Gain Scaling. This field controls the multiplying
factor for the codes applied to the PMOS DAC current sources.
0x0
R/W
00 Gain scaling 1.
01 Gain scaling 0.5.
10 Gain scaling 0.25.
11 Gain scaling 0.125.
2
CH0_OFFSET_POLARITY
Channel 0 Offset Polarity. This bit sets the polarity of the offset.
0x0
R/W
0 Positive offset.
1 Negative offset.
[1:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com