Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 63 Page - Analog Devices

Part # AD3552R
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 63 Page - Analog Devices

Back Button AD3552R Datasheet HTML 59Page - Analog Devices AD3552R Datasheet HTML 60Page - Analog Devices AD3552R Datasheet HTML 61Page - Analog Devices AD3552R Datasheet HTML 62Page - Analog Devices AD3552R Datasheet HTML 63Page - Analog Devices AD3552R Datasheet HTML 64Page - Analog Devices AD3552R Datasheet HTML 65Page - Analog Devices AD3552R Datasheet HTML 66Page - Analog Devices AD3552R Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
Data Sheet
AD3552R
REGISTERS
analog.com
Rev. A | 63 of 68
Channel Select for Page Registers, Precision Mode
Address: 0x41, Reset: 0x00, Name: CH_SELECT_24B
This register selects which channel registers are updated following a write to the DAC_PAGE_24B or INPUT_PAGE_24B registers.
Table 56. Bit Descriptions for CH_SELECT_24B
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
SEL_CH1
Select Channel 1. When this bit is set, data written to the INPUT_PAGE_24B register is
copied to the CH1_INPUT_24B register and data written to the DAC_PAGE_24B register is
copied to the CH1_DAC_24B register.
0x0
R/W
0 No operation.
1 Copy to corresponding register in Channel 1.
0
SEL_CH0
Select Channel 0. When this bit is set, data written to the INPUT_PAGE_24B register is
copied to the CH0_INPUT_24B register and data written to the DAC_PAGE_24B register is
copied to the CH0_DAC_24B register.
0x0
R/W
0 No operation.
1 Copy to corresponding register in Channel 0.
Input Page Register, Precision Mode
Address: 0x42, Reset: 0x000000, Name: INPUT_PAGE_24B
This register is used to write data to one or both DAC input registers according to the configuration of the SEL_CHx bits in the CH_SE-
LECT_24B register.
Table 57. Bit Descriptions for INPUT_PAGE_24B
Bits
Bit Name
Settings
Description
Reset
Access
[23:8]
INPUT_PAGE
Input Page Data. Following a write to this register, the DAC code loaded into this register
is copied into the input register of any channels selected in the CH_SELECT_24B
register.
0x0
R/W
[7:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com