Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 104 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 100Page - NXP Semiconductors RT600 Datasheet HTML 101Page - NXP Semiconductors RT600 Datasheet HTML 102Page - NXP Semiconductors RT600 Datasheet HTML 103Page - NXP Semiconductors RT600 Datasheet HTML 104Page - NXP Semiconductors RT600 Datasheet HTML 105Page - NXP Semiconductors RT600 Datasheet HTML 106Page - NXP Semiconductors RT600 Datasheet HTML 107Page - NXP Semiconductors RT600 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 167 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2022. All rights reserved.
Product data sheet
Rev. 2.0 — 1 April 2022
104 of 165
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
13.5 Pin characteristics
Table 30.
Static characteristics: pin characteristics
Tamb =-20 °C to +85 °C, unless otherwise specified. Values tested in production unless otherwise specified.
Sym
bol
Parameter
Conditions
Min
Typ[1]
Max
Unit
RESET pin, LDO_ENABLE pin, PMIC_IRQ_N pin, PMIC_MODE pins[5]
VIH
HIGH-level input
voltage
0.7 x
VDD_AO1V8
-
VDD_AO1V8
V
VIL
LOW-level input
voltage
-0.3
-
0.3 x
VDD_AO1V8
V
VOH
HIGH-level
output voltage
IOH = 2.9 mA;
1.71 V
 VDD_AO1V8 < 1.89 V
0.8 x
VDD_AO1V8
--
V
VOL
HIGH-level
output voltage
IOL = 2.9 mA;
1.71 V
 VDD_AO1V8 < 1.89 V
-
-
0.2 x
VDD_AO1V8
V
Vhys hysteresis
voltage
[4] -
0.06 x
VDD_AO1V8
-V
Standard I/O pins and PMIC I2C pins
Input characteristics
IIL
LOW-level input
current
VI = 0 V; on-chip pull-up resistor
disabled.
1.71 V
 VDDIO < 1.98 V
-1.0
1.0
A
VI = 0 V; on-chip pull-up resistor
disabled. 3.0 V
 VDDIO < 3.6 V
-1.0
1.0
A
IIH
HIGH-level input
current
VI = VDDIO; on-chip pull-down
resistor disabled. 1.71 V
 VDDIO <
1.98 V
-1.0
0.5
1.0
A
VI = VDDIO; on-chip pull-down
resistor disabled.
3.0 V
 VDDIO <3.6 V
-1.0
0.5
1.0
A
VI
input voltage
pin configured to provide a
digital function except following pins
VDDIO = 0 V
[3]
0-
3.6
V
VIH
HIGH-level input
voltage
1.71 V
 VDDIO < 1.98 V
0.7
 VDDIO
-VDDIO
V
3.0 V
 VDDIO  3.6 V
0.7
 VDDIO
-VDDIO
V
VIL
LOW-level input
voltage
1.71 V
 VDDIO <1.98 V
0.3
-
0.3
 VDDIO
V
3.0 V
 VDDIO  3.6 V
0.3
-
+0.7
V
Vhys hysteresis
voltage
1.71 V
 VDDIO < 1.98 V
[4] 0.15
-
-
V
3.0 V
 VDDIO  3.6 V
[4] 0.15
-
-
V
Output characteristics
VOH
HIGH-level
output voltage
(Normal Drive)
IOH = 2.9 mA; 1.71 V  VDDIO
<1.98 V
0.8
 VDDIO
--
V
IOH = 4 mA; 3.0 V  VDDIO  3.6 V
0.8
 VDDIO
--
V
VOH
HIGH-level
output voltage
(Full Drive)
IOH = 5.8 mA;
1.71 V
 VDDIO < 1.98 V
0.8
 VDDIO
--
V
IOH = 8 mA;
3.0 V
 VDDIO  3.6 V
0.8
 VDDIO
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com