Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 126 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 126 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 122Page - NXP Semiconductors RT600 Datasheet HTML 123Page - NXP Semiconductors RT600 Datasheet HTML 124Page - NXP Semiconductors RT600 Datasheet HTML 125Page - NXP Semiconductors RT600 Datasheet HTML 126Page - NXP Semiconductors RT600 Datasheet HTML 127Page - NXP Semiconductors RT600 Datasheet HTML 128Page - NXP Semiconductors RT600 Datasheet HTML 129Page - NXP Semiconductors RT600 Datasheet HTML 130Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 167 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2022. All rights reserved.
Product data sheet
Rev. 2.0 — 1 April 2022
126 of 165
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
14.14 SD/MMC and SDIO
Table 46.
Dynamic characteristics for following modes (SDR-12, SDR-25)
Tamb =0 °C to +85 °C, VDDIO_x = 1.71 V to 1.89 V; VDDCORE = 1.13 V; CL = 10 pF. DLL_CTRL = 0x200, Full Drive Mode
on all pins, Input slew = 1 ns, SLEW setting = standard mode for all pins;. Parameters sampled at the 50 % level of the rising
or falling edge. Based on simulation, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk
clock frequency
on pin SD_CLK; data transfer mode,
SDR-12 (12.5 MB/s)
--
25
MHz
fclk
clock frequency
on pin SD_CLK; data transfer mode,
SDR-25 (25 MB/s)
--
50
MHz
tsu(D)
data input set-up time
on pins SD_DATn as inputs
7.5
-
-
ns
on pins SD_CMD as inputs
7.5
-
-
ns
th(D)
data input hold time
on pins SD_DATn as inputs
0
-
-
ns
on pins SD_CMD as inputs
0
-
-
ns
tv(Q)
data output valid time
on pins SD_DATn as outputs
0
-
7.5
ns
on pins SD_CMD as outputs
0
-
7.5
ns
Table 47.
Dynamic characteristics for following modes (SDR-50, SDR-104, SDR-200(HS-200))
Tamb =-0 °C to +85 °C, VDDIO_x = 1.71 V to 1.89 V; VDDCORE = 1.13 V; CL = 10 pF. DLL_CTRL = 0x200, Full Drive Mode
on all pins, Input slew = 1 ns, SLEW setting = standard mode for all pins;. Parameters sampled at the 50 % level of the rising
or falling edge. Based on simulation, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk
clock frequency
on pin SD_CLK; data transfer mode,
SDR-50 (50 MB/s)
--
100
MHz
fclk
clock frequency
on pin SD_CLK; data transfer mode,
SDR-104 (104 MB/s)
--
208
MHz
fclk
clock frequency
on pin SD_CLK; data transfer mode,
SDR-200 (HS-200) (200 MB/s)
--
200
MHz
tsu(D)
data input set-up time
on pins SD_DATn as inputs
7.5
-
-
ns
on pins SD_CMD as inputs
7.5
-
-
ns
th(D)
data input hold time
on pins SD_DATn as inputs
0
-
-
ns
on pins SD_CMD as inputs
0
-
-
ns
tv(Q)
data output valid time
on pins SD_DATn as outputs
0
-
7.5
ns
on pins SD_CMD as outputs
0
-
7.5
ns
Table 48.
Dynamic characteristics for following modes (DDR-50, DDR-100, HS DDR)
Tamb =-0 °C to +85 °C, VDDIO_x = 1.71 V to 1.89 V; VDDCORE = 1.13 V; CL = 10 pF. DLL_CTRL = 0x200, Full Drive Mode
on all pins, Input slew = 1 ns, SLEW setting = standard mode for all pins;. Parameters sampled at the 50 % level of the rising
or falling edge. Based on simulation, not tested in production. HS-400 supported on SD port 0 only.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk
clock frequency
on pin SD_CLK; data transfer mode,
DDR-50 (50 MB/s)
--
50
MHz
fclk
clock frequency
on pin SD_CLK; data transfer mode,
DDR-100 (100 MB/s)
--
52
MHz
fclk
clock frequency
on pin SD_CLK; data transfer mode, HS
DDR (104 MB/s)
--
52
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com