Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 129 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 129 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 125Page - NXP Semiconductors RT600 Datasheet HTML 126Page - NXP Semiconductors RT600 Datasheet HTML 127Page - NXP Semiconductors RT600 Datasheet HTML 128Page - NXP Semiconductors RT600 Datasheet HTML 129Page - NXP Semiconductors RT600 Datasheet HTML 130Page - NXP Semiconductors RT600 Datasheet HTML 131Page - NXP Semiconductors RT600 Datasheet HTML 132Page - NXP Semiconductors RT600 Datasheet HTML 133Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 167 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2022. All rights reserved.
Product data sheet
Rev. 2.0 — 1 April 2022
129 of 165
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
15. Analog characteristics
15.1 12-bit ADC characteristics
[1]
Based on characterization; not tested in production.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
[3]
CADIN represents the external capacitance on the analog input channel for sampling speeds of
1.0 Msamples/s. No parasitic capacitances included. See Figure 28
[4]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width.
See Figure 27.
[5]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and
the ideal transfer curve after appropriate adjustment of gain and offset errors. See Figure 27.
[6]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the
straight line which fits the ideal curve. See Figure 27.
[7]
The full-scale error voltage or gain error (EG) is the difference between the straight-line fitting the actual
transfer curve after removing offset error, and the straight line which fits the ideal transfer curve. See
Figure 27.
[8]
This resistance is external to the MCU. To achieve the best results, the analog source resistance must be
kept as low possible. The results in this data sheet were derived from a system that had < 15 Ω analog
source resistance. See Figure 28.
Table 52.
12-bit ADC static characteristics
Tamb =-20 °C to +85 °C; VDD_AO1V8 = 1.8 V, VDD1V8 = 1.8 V, VDDIO_0/1/2 = 1.8 V, VDDA_ADC1V8 = VDDA_BIAS =
VREFP = 1.8 V; VSSA = VREFN = GND. fclk(ADC) = 22 MHz; Sample Time select (STS bit in CMDH register) = 0.
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
VADIN
analog input
voltage
See
Figure 28 VREFN
-
VREFP
V
fclk(ADC)
ADC clock
frequency
--
60
MHz
fs
sampling
frequency
-
-
1.0
Msamples/s
Csamples
Sample cycles
3.5
-
131.5
Ccompare
Fixed compare
cycles
-
17.5
-
cycles
Cconversion Conversion cycles
Cconversion = Csamples + Ccompare cycles
CADIN
Analog Input
Capacitance
[3]
See
Figure 28.
-4.5
-
pF
RADIN
Input Resistance
See
Figure 28. -
500
-
Ω
RAS
Analog source
resistance
[8]
See
Figure 28
--
5
kΩ
ED
differential linearity
error
[1][4] -
1
-LSB
EL(adj)
integral
non-linearity
[1][5] -
1.1
-LSB
EO
offset error
[1][6] -
1
-LSB
Verr(FS)
full-scale error
voltage
[1][7] -
0.3
-%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com