Electronic Components Datasheet Search
  English  ▼

X  

2201813 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 2201813
Description  Component housing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201813 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  2201813 Datasheet HTML 1Page - PHOENIX CONTACT 2201813 Datasheet HTML 2Page - PHOENIX CONTACT 2201813 Datasheet HTML 3Page - PHOENIX CONTACT 2201813 Datasheet HTML 4Page - PHOENIX CONTACT 2201813 Datasheet HTML 5Page - PHOENIX CONTACT 2201813 Datasheet HTML 6Page - PHOENIX CONTACT 2201813 Datasheet HTML 7Page - PHOENIX CONTACT 2201813 Datasheet HTML 8Page - PHOENIX CONTACT 2201813 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ME-IO 18,8...
105787_en_02
PHOENIX CONTACT
5 / 27
3
Ordering data
4
Technical data
Component housing
Description
Type
Order No.
Pcs. / Pkt.
Lower housing part, overall width 18.8 mm, pre-assembled, with metal foot
catch for DIN rail mounting, integrated FE contact, without DIN rail connector,
color: similar to RAL 7035
Lock and Release system, locking of the connectors to the header, included
in the units:
3 units
5 units
7 units
9 units
ME-IO 18,8 B/FE 3/9U TBUS 7035
ME-IO 18,8 B/FE 5/9U TBUS 7035
ME-IO 18,8 B/FE 7/9U TBUS 7035
ME-IO 18,8 B/FE 9/9U TBUS 7035
2201963
2201962
2201961
2201960
10
10
10
10
Housing cover for various units, color: similar to RAL 7035
2 units
3 units
3 units (covers 2 units and 1 unit with header)
4 units
5 units
6 units
7 units
ME-IO 18,8 C 2U 7035
ME-IO 18,8 C 3U 7035
ME-IO 18,8 C 3U S1 7035
ME-IO 18,8 C 4U 7035
ME-IO 18,8 C 5U 7035
ME-IO 18,8 C 6U 7035
ME-IO 18,8 C 7U 7035
2201799
2201800
2201801
2201802
2201803
2201804
2201805
10
10
10
10
10
10
10
Header, touch-proof, color: similar to RAL 9005
2 units, 8 connections
2 units, 6 connections
2 units, 4 connections
3 units, 12 connections
2 units, 12 connections
3 units, 18 connections
HSCH 2,5-2U/ 8 9005
HSCH 2,5-2U-2220 9005
HSCH 2,5-2U-TTTT 9005
HSCH 2,5-3U/12 9005
HSCH 1,5-2U/12 9005
HSCH 1,5-3U/18 9005
2201789
2201792
2201790
2201788
2202233
2202232
50
50
50
50
50
50
Push-in connector, for headers, with integrated test connection, color: simi-
lar to RAL 7035
1 unit, 4 pos., fully assembled
1 unit, 2 TWIN connections
1 unit, 2 pos., partially assembled
1 unit, 6 pos., fully assembled
HSCP-SP 2,5-1U/ 4 7035
HSCP-SP 2,5-1U-TT 7035
HSCP-SP 2,5-1U/20 7035
HSCP-SP 1,5-1U/ 6 7035
2201780
2201781
2201782
2202234
50
50
50
50
DIN rail connector, 5-pos., color: similar to RAL 7035
ME 18,8 TBUS 1,5/5-ST-3,81KMGY
2201813
50
Coding profile, for header and push-in plug, color: natural
CP-DMC 1,5-THR NAT
1790647
60
Electrical data
DIN rail connector, nominal voltage
125 V
DIN rail connector, nominal current
Maximum 8 per position
No. of positions
5
Housing type
Insulation material
Polyamide
Inflammability class according to UL 94
V0
Color
Similar to RAL 7035, light gray
Power dissipation P
V at 20°C in the horizontal mounting position
Approx. 2.8 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com